Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD66717 Datasheet(PDF) 11 Page - Hitachi Semiconductor

Part # HD66717
Description  (Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver)
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD66717 Datasheet(HTML) 11 Page - Hitachi Semiconductor

Back Button HD66717 Datasheet HTML 7Page - Hitachi Semiconductor HD66717 Datasheet HTML 8Page - Hitachi Semiconductor HD66717 Datasheet HTML 9Page - Hitachi Semiconductor HD66717 Datasheet HTML 10Page - Hitachi Semiconductor HD66717 Datasheet HTML 11Page - Hitachi Semiconductor HD66717 Datasheet HTML 12Page - Hitachi Semiconductor HD66717 Datasheet HTML 13Page - Hitachi Semiconductor HD66717 Datasheet HTML 14Page - Hitachi Semiconductor HD66717 Datasheet HTML 15Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 90 page
background image
HD66717
462
Table 1
Pin Functional Description (cont)
Signal
Number
of Pins
I/O
Device
Interfaced with Function
Vci
2
I
Power supply
Inputs a reference voltage and supplies power to the
booster; generates the liquid crystal display drive voltage
from the operating voltage.
V5OUT2
1
O
V
EE pin/ Booster
capacitance
Voltage input to the Vci pin is boosted twice and output.
When the voltage is boosted three times, the same
capacitance as that of C1–C2 should be connected here.
V5OUT3
1
O
V
EE pin
Voltage input to the Vci pin is boosted three times and
output.
C1/C2
2
Booster
capacitance
External capacitance should be connected here when
using the booster.
RESET*
1
I
Reset pin. Initializes the LSI when low.
EXM
1
I
MPU
External alternating signal used for annunciator display
during standby mode. If annunciator display is not used,
EXM must be fixed to V
CC or GND.
SFT
1
I
V
CC or GND
Selects the SEG output pin arrangement: when SFT =
GND, SEG1 is connected to the far left of the LCD panel
and when SFT = V
CC, SEG60 is connected to the far left of
the LCD panel
OPOFF
1
I
V
CC or GND
Turns the internal operational amplifier off when OPOFF =
V
CC, and turns it on when OPOFF = GND. If the amplifier is
turned off (OPOFF = V
CC), V1 to V5 must be supplied to the
V1OUT to V5OUT pins.
TEST
1
I
GND
Test pin. Must be grounded.


Similar Part No. - HD66717

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66717 HITACHI-HD66717 Datasheet
513Kb / 97P
   Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver with Key Scan Function
More results

Similar Description - HD66717

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
logo
KODENSHI_AUK CORP.
KK44780 KODENSHI-KK44780 Datasheet
366Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66710 HITACHI-HD66710 Datasheet
507Kb / 73P
   (Dot Matrix Liquid Crystal Display Controller/Driver)
logo
Integral Corp.
IN44780U INTEGRAL-IN44780U Datasheet
190Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD44780U HITACHI-HD44780U Datasheet
316Kb / 59P
   Dot Matrix Liquid Crystal Display Controller/Driver
logo
Integral Corp.
IN44780 INTEGRAL-IN44780 Datasheet
345Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
IZD1520U INTEGRAL-IZD1520U Datasheet
221Kb / 12P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66780 HITACHI-HD66780 Datasheet
2Mb / 48P
   Dot Matrix Liquid Crystal Display Controller and Driver
HD66727 HITACHI-HD66727 Datasheet
513Kb / 97P
   Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver with Key Scan Function
HD44102 HITACHI-HD44102 Datasheet
911Kb / 22P
   Dot Matrix Liquid Crystal Graphic Display Column Driver)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com