Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1386C-225BZI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1386C-225BZI
Description  18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1386C-225BZI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1386C-225BZI Datasheet HTML 6Page - Cypress Semiconductor CY7C1386C-225BZI Datasheet HTML 7Page - Cypress Semiconductor CY7C1386C-225BZI Datasheet HTML 8Page - Cypress Semiconductor CY7C1386C-225BZI Datasheet HTML 9Page - Cypress Semiconductor CY7C1386C-225BZI Datasheet HTML 10Page - Cypress Semiconductor CY7C1386C-225BZI Datasheet HTML 11Page - Cypress Semiconductor CY7C1386C-225BZI Datasheet HTML 12Page - Cypress Semiconductor CY7C1386C-225BZI Datasheet HTML 13Page - Cypress Semiconductor CY7C1386C-225BZI Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
CY7C1386C
CY7C1387C
Document #: 38-05239 Rev. *B
Page 10 of 34
VSS
17,40,67,90 D3,D5,E5,
E3,F3,F5,
G5,H3,H5,
K3,K5,L3,
M3,M5,N3,
N5,P3,P5
H2,C4,C5,C6
,C7,C8,D5,
D6,D7,E5,E6
,E7,F5,F6,F7
,G5,G6,G7,
H5,H6,H7,J5
,J6,J7,K5,K6,
K7,L5,L6,L7,
M5,M6,M7,
N4,N8
Ground
Ground for the core of the device.
VSSQ
5,10,21,26,
55,60,71,76
-
-
I/O Ground
Ground for the I/O circuitry.
VDDQ
4,11,20,27,
54,61,70,77
A1,A7,F1,
F7,J1,J7,
M1,M7,U1,
U7
C3,C9,D3,D9
,E3,E9,F3,F9
,G3,G9,J3,J9
,K3,K9,L3,L9
,M3,M9,N3,
N9
I/O Power Sup-
ply
Power supply for the I/O circuitry.
MODE
31
R3
R1
Input-
Static
Selects Burst Order. When tied to GND selects linear
burst sequence. When tied to VDD or left floating selects
interleaved burst sequence. This is a strap pin and
should remain static during device operation. Mode Pin
has an internal pull-up.
TDO
-
U5
P7
JTAG serial out-
put
Synchronous
Serial data-out to the JTAG circuit. Delivers data on
the negative edge of TCK. If the JTAG feature is not
being utilized, this pin should be left unconnected. This
pin is not available on TQFP packages.
TDI
-
U3
P5
JTAG serial
input
Synchronous
Serial data-In to the JTAG circuit. Sampled on the
rising edge of TCK. If the JTAG feature is not being uti-
lized, this pin can be left floating or connected to VDD
through a pull up resistor. This pin is not available on
TQFP packages.
TMS
-
U2
R5
JTAG serial
input
Synchronous
Serial data-In to the JTAG circuit. Sampled on the
rising edge of TCK. If the JTAG feature is not being uti-
lized, this pin can be disconnected or connected to VDD.
This pin is not available on TQFP packages.
TCK
-
U4
R7
JTAG-Clock
Clock input to the JTAG circuitry. If the JTAG feature
is not being utilized, this pin must be connected to VSS.
This pin is not available on TQFP packages.
NC
1,2,3,6,7,14,
16,25,28,29,
30,38,39,51,
52,53,56,57,
66,75,78,79,
95,96
B1,B7,C1,
C7,D2,D4,
D7,E1,E6,
H2,F2,G1,
G6,H7,J3,
J5,K1,K6,
L4,L2,L7,
M6,N2,L7,
P1,P6,R1,
R5,R7,T1,
T4,U6
A5,B1,B4,C1
,C2,C10,D1,
D10,E1,E10,
F1,F10,G1,
G10,H1,H3,
H9,H10,J2,
J11,K2,K11,
L2,L1,M2,
M11,N2,N10,
N5,N7,N11,
P1,A1,B11,
P2,R2
-
No Connects. Not internally connected to the die.
CY7C1387C:Pin Definitions (continued)
Name
TQFP
BGA
(2-Chip
Enable)
fBGA
I/O
Description


Similar Part No. - CY7C1386C-225BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1386CV25 CYPRESS-CY7C1386CV25 Datasheet
547Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386CV25-167AC CYPRESS-CY7C1386CV25-167AC Datasheet
547Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386CV25-167AI CYPRESS-CY7C1386CV25-167AI Datasheet
547Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386CV25-167BG CYPRESS-CY7C1386CV25-167BG Datasheet
547Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386CV25-167BGC CYPRESS-CY7C1386CV25-167BGC Datasheet
547Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1386C-225BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1386CV25 CYPRESS-CY7C1386CV25 Datasheet
547Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386DV25 CYPRESS-CY7C1386DV25 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386B CYPRESS-CY7C1386B Datasheet
789Kb / 32P
   512K x 36/1M x 18 Pipelined DCD SRAM
CY7C1366B CYPRESS-CY7C1366B Datasheet
550Kb / 32P
   9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1380C CYPRESS-CY7C1380C Datasheet
788Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined SRAM
CY7C1386D CYPRESS-CY7C1386D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1387D CYPRESS-CY7C1387D Datasheet
481Kb / 29P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1444AV25 CYPRESS-CY7C1444AV25 Datasheet
440Kb / 26P
   36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
CY7C1444AV33 CYPRESS-CY7C1444AV33 Datasheet
479Kb / 26P
   36-Mbit (1M x 36/2Mx 18) Pipelined DCD Sync SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com