Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM0225C1E6R0WDAE Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # GRM0225C1E6R0WDAE
Description  Chip Monolithic Ceramic Capacitor for General
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM0225C1E6R0WDAE Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button GRM0225C1E6R0WDAE Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM0225C1E6R0WDAE Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM0225C1E6R0WDAE Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM0225C1E6R0WDAE Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM0225C1E6R0WDAE Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM0225C1E6R0WDAE Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GRM0225C1E6R0WDAE Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GRM0225C1E6R0WDAE Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. GRM0225C1E6R0WDAE Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
 (4)GR□18/21/31/32
(in:mm)
<Paper Tape>
<Plastic Tape>
Package
GRM/F Type
4.0±0.1
4.0±0.1
2.0±0.1
φ1.5
+0.1
-0
t
4.0±0.1
t
2.0±0.1
φ1.5
+0.1
-0
4.0±0.1
0.25±0.1(T≦2.0mm)
0.3±0.1(T:2.5mm)
Type
LW Dimensions
Tolerance(Chip)
T Dimensions
(Chip)
A
B
t
Dimensions
of Tape
GR□18
5
±0.1 max.
0.5+0/-0.1
1.05±0.10
1.85±0.10
0.8 max.
Paper Tape
±0.2
0.5±0.05
0.5+0/-0.1
1.10±0.10
2.00±0.10
8
±0.15 max.
0.8±0.1
0.8±0.15
1.05±0.10
1.85±0.10
1.15 max.
±0.2
0.8±0.2
1.10±0.10
2.00±0.10
GR□21
6
±0.1
0.6±0.1
1.55±0.15
2.30±0.15
1.15 max.
9
±0.2 max.
0.85±0.05
0.85±0.1
0.85+0.15/-0.1
0.85+0/-0.2
±0.2
0.85±+0.15/-0.05
1.50±0.20
2.30±0.20
1.7 max.
Plastic
Tape
A
±0.1
1.0 +0/-0.2
1.45±0.20
2.25±0.20
±0.2
1.0±0.2
1.50±0.20
2.30±0.20
B
±0.1
1.25±0.1
1.45±0.20
2.25±0.20
±0.15
1.25±0.15
1.50±0.20
2.30±0.20
2.0 max.
±0.2
1.25±0.2
GR□31
6
±0.15
0.6±0.1
2.00±0.20
3.60±0.20
1.15 max.
Paper Tape
9
±0.2 max.
0.85±0.1
M
±0.15
1.15±0.1
1.90±0.20
3.50±0.20
1.7 max.
Plastic
Tape
±0.2
1.15±0.15
X
±0.2
1.2±0.1
C
±0.2
1.6±0.2
2.5 max.
±0.3
1.6±0.3
2.10±0.20
3.60±0.20
GR□32
9
L:±0.3
W:±0.2
0.85+0.15/-0.05
2.80±0.20
3.60±0.20
1.15 max.
Paper Tape
A
1.0±+0/-0.2
3.50±0.20
1.7 max.
Plastic
Tape
M
1.15±0.1
N
1.35±0.15
2.5 max.
C
1.6±0.2
R
1.8±0.2
3.0 max.
D
2.0±0.2
E
2.5±0.2
3.7 max.
JEMCGP-01796C
8


Similar Part No. - GRM0225C1E6R0WDAE

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0225C1E6R0WA03 MURATA-GRM0225C1E6R0WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
More results

Similar Description - GRM0225C1E6R0WDAE

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GR331AD72W103KW01 MURATA-GR331AD72W103KW01 Datasheet
695Kb / 25P
   Chip Monolithic Ceramic Capacitor for General
GRM31B5C2H821JW01 MURATA-GRM31B5C2H821JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
GRM31B5C2J681JW01 MURATA-GRM31B5C2J681JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
GRM152C80J224KE19 MURATA-GRM152C80J224KE19 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E5R1WA03 MURATA-GRM0225C1E5R1WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM152C80J224ME19 MURATA-GRM152C80J224ME19 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E6R7WA03 MURATA-GRM0225C1E6R7WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM152D70G104KE15 MURATA-GRM152D70G104KE15 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E6R8WA03 MURATA-GRM0225C1E6R8WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM21BR71H563KA01 MURATA-GRM21BR71H563KA01 Datasheet
828Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM31A5C2H100JW01 MURATA-GRM31A5C2H100JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com