Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

FX5545G402 Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. FX5545G402
Description  Industry Smallest and Low Profile 5W 1A DC/DC Boost Converter with High Output Density Power
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

FX5545G402 Datasheet(HTML) 4 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
For technical questions, contact FunctionPAK@vishay.com
For marketing questions, contact FunctionPAK.marketing@vishay.com
Document Number: 10110
Revision 13-Mar-03
www.vishay.com
20
FX5545G402
Vishay
Vout Vs. Iout
Vin = 3.5V; Vout = 5.0V
Vout Vs. Vin
Iout = 1000mA
∆ Temp Vs. Iout
Above 25
°C Ambient Temperature
Efficiency Vs. Iout
Vin = 3.5; Vout = 5.0V
Iout (A)
Vin (V)
Iout (A)
Iout (A)
4.5
4.6
4.7
4.8
4.9
5
5.1
5.2
5.3
5.4
5.5
0
0.8
0.2
0.6
0.4
1
1.2
4
4.2
4.4
4.6
4.8
5
5.2
5.4
5.6
5.8
6
234
5
6
60
0
0.2
0.4
0.6
0.8
1.2
50
40
30
20
10
0
1
Vin = 2.7V
Vin = 3.5V
Vout Vs. Vin (PSM mode)
lout = 0.1A
Vout Vs. lout (PSM mode)
Vin = 3V
Efficiency Vs. Iout (PSM mode)
4.8
4.85
4.9
4.95
5
5.05
5.1
5.15
5.2
2
2.5
3
3.5
4
4.5
5
Vin (V)
4.8
4.85
4.9
4.95
5
5.05
5.1
5.15
5.2
0
0.05
0.1
0.15
0.2
0.25
Iout (A)
0
10
20
30
40
50
60
70
80
90
0
0.05
0.1
0.15
0.2
0.25
Iout (A)
Vin = 4V
Vin = 3V
70
75
80
85
90
95
100
0
0.2
0.4
0.6
0.8
1
1.2
50
55
60
65


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FX5545G106Industry Smallest and Low Profile 12W 2A DC/DC Boost Converter with High Output Power Density 1 2 3 4 5 MoreVishay Siliconix
FX5545G006Industry Smallest and Low Profile 9W 1.5A DC/DC Boost Converter with High Output Power Density 1 2 3 4 5 MoreVishay Siliconix
FX5545G206Industry Smallest and Low Profile 15W 2.5A DC/DC Boost Converter with High Output Power Density 1 2 3 4 5 MoreVishay Siliconix
FX5545G201Industry Smallest and Low Profile 3W 1000mA DC/DC Buck Converter with High Output Power Density 1 2 3 4 Vishay Siliconix
FX5545G005Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density 1 2 3 4 Vishay Siliconix
FX5545G305Industry Smallest and Low Profile 10W 3.0A DC/DC Buck Converter with High Output Power Density 1 2 3 4 Vishay Siliconix
FX5545G105Industry Smallest and Low Profile 6.5W 2.0A DC/DC Buck Converter with High Output Power Density 1 2 3 4 Vishay Siliconix
FX5545G108The Smallest and Low Profile 0.9V to 4.5V 4A with 570W/in^3 Power Density Efficiency up to 95% DC/DC Buck Converter 1 2 3 4 5 MoreVishay Siliconix
FX5959G701Power LED Driver the Smallest and Low Profile Constant Current Source 0 - 2.0A 2.5V to 7V with 450W/in3 Power Density and High Efficiency 1 2 3 4 5 MoreVishay Siliconix
FAN4855500mA High Efficiency Boost Regulator with Adjustable Output Shutdown and Low Battery Detect 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn