Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

841602AGILF Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 841602AGILF
Description  FemtoClock NG Crystal-to-HCSL Clock Generator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

841602AGILF Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 841602AGILF Datasheet HTML 4Page - Integrated Device Technology 841602AGILF Datasheet HTML 5Page - Integrated Device Technology 841602AGILF Datasheet HTML 6Page - Integrated Device Technology 841602AGILF Datasheet HTML 7Page - Integrated Device Technology 841602AGILF Datasheet HTML 8Page - Integrated Device Technology 841602AGILF Datasheet HTML 9Page - Integrated Device Technology 841602AGILF Datasheet HTML 10Page - Integrated Device Technology 841602AGILF Datasheet HTML 11Page - Integrated Device Technology 841602AGILF Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
FEMTOCLOCKS™ CRYSTAL-TO-HCSL
CLOCK GENERATOR
841602 DATA SHEET
8
REVISION A 4/15/15
APPLICATION INFORMATION
As in any high speed analog circuitry, the power supply pins
are vulnerable to random noise. To achieve optimum jitter
performance, power supply isolation is required. The 841602
provides separate power supplies to isolate any high switching
noise from the outputs to the internal PLL. V
DD
and V
DDA
should
be individually connected to the power supply plane through
vias, and 0.01µF bypass capacitors should be used for each
pin. Figure 1 illustrates this for a generic V
DD
pin and also shows
that V
DDA
requires that an additional10
Ω resistor along with a 10µF
bypass capacitor be connected to the V
DDA
pin.
POWER SUPPLY FILTERING TECHNIQUES
FIGURE 1. POWER SUPPLY FILTERING
10
Ω
V
DDA
10
μF
.01
μF
3.3V
.01
μF
V
DD
INPUTS:
CRYSTAL INPUTS
For applications not requiring the use of the crystal oscillator input,
both XTAL_IN and XTAL_OUT can be left floating. Though not
required, but for additional protection, a 1k
Ω resistor can be tied
from XTAL_IN to ground.
REF_IN INPUT
For applications not requiring the use of the reference clock,
it can be left floating. Though not required, but for additional
protection, a 1k
Ω resistor can be tied from the REF_IN to ground.
LVCMOS CONTROL PINS
All control pins have internal pull-downs; additional resistance is not
required but can be added for additional protection. A 1k
Ω resistor
can be used.
RECOMMENDATIONS FOR UNUSED INPUT AND OUTPUT PINS
OUTPUTS:
DIFFERENTIAL OUTPUTs
All unused differential outputs can be left floating. We recommend
that there is no trace attached. Both sides of the differential output
pair should either be left floating or terminated.


Similar Part No. - 841602AGILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
841602AGILF RENESAS-841602AGILF Datasheet
694Kb / 18P
   FemtoClock NG Crystal-to-HCSL Clock Generator
2019
841602AGILFT RENESAS-841602AGILFT Datasheet
694Kb / 18P
   FemtoClock NG Crystal-to-HCSL Clock Generator
2019
More results

Similar Description - 841602AGILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
841602 RENESAS-841602 Datasheet
694Kb / 18P
   FemtoClock NG Crystal-to-HCSL Clock Generator
2019
logo
Integrated Device Techn...
841604 IDT-841604 Datasheet
414Kb / 17P
   FemtoClock NG Crystal-to-HCSL Clock Generator
841654 IDT-841654 Datasheet
293Kb / 18P
   FemtoClock NG Crystal-to-HCSL Clock Generator
logo
Renesas Technology Corp
841604 RENESAS-841604 Datasheet
612Kb / 18P
   FemtoClock® NG Crystal-to-HCSL Clock Generator
4/17/15
IDT8V41N004I RENESAS-IDT8V41N004I Datasheet
1Mb / 27P
   FemtoClock® NG Crystal-to-HCSL Clock Generator
2019
841654 RENESAS-841654 Datasheet
492Kb / 19P
   FemtoClock® NG Crystal-to-HCSL Clock Generator
2019
logo
Integrated Device Techn...
ICS841664I IDT-ICS841664I Datasheet
312Kb / 16P
   FEMTOCLOCK??CRYSTAL-TO-HCSL CLOCK GENERATOR
ICS841664AGILFT IDT-ICS841664AGILFT Datasheet
311Kb / 19P
   FemtoClock Crystal-to-HCSL Clock Generator
841608 IDT-841608 Datasheet
619Kb / 23P
   FemtoClock Crystal-to-HCSL Clock Generator
ICS841664I IDT-ICS841664I_13 Datasheet
374Kb / 19P
   FemtoClock Crystal-to-HCSL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com