Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1386C-250BGC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1386C-250BGC
Description  18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1386C-250BGC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1386C-250BGC Datasheet HTML 1Page - Cypress Semiconductor CY7C1386C-250BGC Datasheet HTML 2Page - Cypress Semiconductor CY7C1386C-250BGC Datasheet HTML 3Page - Cypress Semiconductor CY7C1386C-250BGC Datasheet HTML 4Page - Cypress Semiconductor CY7C1386C-250BGC Datasheet HTML 5Page - Cypress Semiconductor CY7C1386C-250BGC Datasheet HTML 6Page - Cypress Semiconductor CY7C1386C-250BGC Datasheet HTML 7Page - Cypress Semiconductor CY7C1386C-250BGC Datasheet HTML 8Page - Cypress Semiconductor CY7C1386C-250BGC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
CY7C1386C
CY7C1387C
Document #: 38-05239 Rev. *B
Page 4 of 34
Pin Configurations (continued)
23
4
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
VDDQ
NC
NC
DQPC
DQC
DQD
DQC
DQD
AA
A
A
ADSP
VDDQ
A
DQC
VDDQ
DQC
VDDQ
VDDQ
VDDQ
DQD
DQD
NC
NC
VDDQ
VDD
CLK
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
NC
NC
NC
NC
TDO
TCK
TDI
TMS
NC
NC
NC
VDDQ
VDDQ
VDDQ
AA
A
A
A
A
A
A
A
A
A
A0
A1
DQA
DQC
DQA
DQA
DQA
DQB
DQB
DQB
DQB
DQB
DQB
DQB
DQA
DQA
DQA
DQA
DQB
VDD
DQC
DQC
DQC
VDD
DQD
DQD
DQD
DQD
ADSC
NC
CE1
OE
ADV
GW
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
DQPA
MODE
DQPD
DQPB
BWB
BWC
NC
VDD
NC
BWA
NC
BWE
BWD
ZZ
2
34
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
VDDQ
NC
NC
NC
DQB
DQB
DQB
DQB
AA
A
A
ADSP
VDDQ
A
NC
VDDQ
NC
VDDQ
VDDQ
VDDQ
NC
NC
NC
NC
VDDQ
VDD
CLK
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
NC
NC
NC
NC
TDO
TCK
TDI
TMS
A
A
NC
VDDQ
VDDQ
VDDQ
ANC
A
A
A
A
A
A
A
A
A
A0
A1
DQA
DQB
NC
NC
DQA
NC
DQA
DQA
NC
NC
DQA
NC
DQA
NC
DQA
NC
DQA
VDD
NC
DQB
NC
VDD
DQB
NC
DQB
NC
ADSC
NC
CE1
OE
ADV
GW
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
NC
MODE
DQPB
DQPA
VSS
BWB
NC
VDD
NC
BWA
NC
BWE
VSS
ZZ
CY7C1387C (1M x 18)
CY7C1386C (512K x 36)
119-ball BGA (1 Chip Enable with JTAG)
A
A


Similar Part No. - CY7C1386C-250BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1386CV25 CYPRESS-CY7C1386CV25 Datasheet
547Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386CV25-167AC CYPRESS-CY7C1386CV25-167AC Datasheet
547Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386CV25-167AI CYPRESS-CY7C1386CV25-167AI Datasheet
547Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386CV25-167BG CYPRESS-CY7C1386CV25-167BG Datasheet
547Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386CV25-167BGC CYPRESS-CY7C1386CV25-167BGC Datasheet
547Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1386C-250BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1386CV25 CYPRESS-CY7C1386CV25 Datasheet
547Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386DV25 CYPRESS-CY7C1386DV25 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386B CYPRESS-CY7C1386B Datasheet
789Kb / 32P
   512K x 36/1M x 18 Pipelined DCD SRAM
CY7C1366B CYPRESS-CY7C1366B Datasheet
550Kb / 32P
   9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1380C CYPRESS-CY7C1380C Datasheet
788Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined SRAM
CY7C1386D CYPRESS-CY7C1386D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1387D CYPRESS-CY7C1387D Datasheet
481Kb / 29P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1444AV25 CYPRESS-CY7C1444AV25 Datasheet
440Kb / 26P
   36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
CY7C1444AV33 CYPRESS-CY7C1444AV33 Datasheet
479Kb / 26P
   36-Mbit (1M x 36/2Mx 18) Pipelined DCD Sync SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com