Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8814 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8814
Description  Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8814 Datasheet(HTML) 2 Page - Texas Instruments

  DAC8814 Datasheet HTML 1Page - Texas Instruments DAC8814 Datasheet HTML 2Page - Texas Instruments DAC8814 Datasheet HTML 3Page - Texas Instruments DAC8814 Datasheet HTML 4Page - Texas Instruments DAC8814 Datasheet HTML 5Page - Texas Instruments DAC8814 Datasheet HTML 6Page - Texas Instruments DAC8814 Datasheet HTML 7Page - Texas Instruments DAC8814 Datasheet HTML 8Page - Texas Instruments DAC8814 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
DAC8814
SBAS338 – JANUARY 2005
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
MINIMUM
RELATIVE
DIFFERENTIAL
SPECIFIED
TRANSPORT
ACCURACY
NONLINEARITY
TEMPERATURE
PACKAGE-
PACKAGE
ORDERING
MEDIA,
PRODUCT
(LSB)
(LSB)
RANGE
LEAD
DESIGNATOR
NUMBER
QUANTITY
DAC8814ICDBT
Tape and Reel, 250
DAC8814C
±1
±1
-40
°C to +85°C
SSOP-28
DB
DAC8814ICDBR
Tape and Reel, 2500
DAC8814IBDBT
Tape and Reel, 250
DAC8814B
±4
±1.5
-40
°C to +85°C
SSOP-28
DB
DAC8814IBDBR
Tape and Reel, 2500
(1)
For the most current specifications and package information, see the Package Option Addendum located at the end of this data sheet or
refer to our web site at www.ti.com.
DAC8814
UNIT
VDD to GND
-0.3 to +8
V
VSS to GND
-0.3 to -7
V
VREF to GND
-18 to +18
V
Logic inputs and output to GND
-0.3 to + 8
V
V(IOUT) to GND
-0.3 to VDD + 0.3
V
AGNDX to DGND
-0.3 to +0.3
V
Input current to any pin except supplies
±50
mA
Package power dissipation
(TJmax - TA)/θJA
Thermal resistance,
θ
JA
28-Lead shrink surface-mount (RS-28)
100
°C/W
Maximum junction temperature (TJmax)
150
°C
Operating temperature range, Model A
-40 to +85
°C
Storage temperature range
-65 to + 150
°C
Lead temperature
RS-28 (Vapor phase 60s)
215
°C
RS-28 (Infrared 15s)
220
°C
(1)
Stresses above those listed under absolute maximum ratings may cause permanent damage to the device. This is a stress rating only;
functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum conditions for extended periods may affect device reliability.
2


Similar Part No. - DAC8814

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8814 TI1-DAC8814 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814B TI1-DAC8814B Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814C TI1-DAC8814C Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814IBDB TI1-DAC8814IBDB Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814IBDBR TI1-DAC8814IBDBR Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
More results

Similar Description - DAC8814

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8803 TI-DAC8803_15 Datasheet
2Mb / 26P
[Old version datasheet]   Quad, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com