Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8130ARM-REEL72 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8130ARM-REEL72
Description  Low-Cost 270 MHz Differential Receiver Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8130ARM-REEL72 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8130ARM-REEL72 Datasheet HTML 3Page - Analog Devices AD8130ARM-REEL72 Datasheet HTML 4Page - Analog Devices AD8130ARM-REEL72 Datasheet HTML 5Page - Analog Devices AD8130ARM-REEL72 Datasheet HTML 6Page - Analog Devices AD8130ARM-REEL72 Datasheet HTML 7Page - Analog Devices AD8130ARM-REEL72 Datasheet HTML 8Page - Analog Devices AD8130ARM-REEL72 Datasheet HTML 9Page - Analog Devices AD8130ARM-REEL72 Datasheet HTML 10Page - Analog Devices AD8130ARM-REEL72 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
REV. 0
AD8129/AD8130
–7–
FREQUENCY – MHz
3
1
0
–3
–4
–5
–6
–7
–2
–1
1
2
10
100
300
RF = RG = 1k
RF = RG = 499
RF = RG = 750
RF = RG = 250
VS = 5V
G = 2
TPC 10. AD8130 Frequency
Response for Various RF/RG
FREQUENCY – MHz
3
1
300
10
100
0
–3
–4
–5
–6
–7
–2
–1
1
2
G = 2
RL = 150
VS = 2.5V
VS = 5V
VS = 12V
TPC 13. AD8130 Frequency Response
vs. Supply, G = 2, RL = 150
FREQUENCY – MHz
3
1
10
100
0
–3
–4
–5
–6
–7
–2
–1
1
2
RL = 150
0.1
VS = 5V, 12V
VS = 5V, 12V
G = 5
G = 10
VS = 2.5V
TPC 16. AD8130 Frequency Response
vs. Supply, G = 5, G = 10, RL = 150
FREQUENCY – MHz
0.3
1
10
100
0
–0.3
–0.4
–0.5
–0.6
–0.7
–0.2
–0.1
0.1
0.2
G = 2
RL = 1k
VS = 2.5V
VS = 5V
VS = 12V
TPC 11. AD8130 Fine Scale Response
vs. Supply, G = 2, RL = 1 k
FREQUENCY – MHz
0.3
0.1
0
–0.3
–0.4
–0.5
–0.6
–0.7
–0.2
–0.1
0.1
0.2
VOUT = 2V p-p
VS = 2.5V
VS = 5V
VS = 12V
110
30
VS = 2.5V
VS = 5V, 12V
G = 5
G = 10
TPC 14. AD8130 Fine Scale Response
vs. Supply, G = 5, G = 10, VOUT = 2 V p-p
FREQUENCY – MHz
12
10
6
0
–6
–12
–18
–24
–30
–36
–42
–48
100
400
VS = 5V
0dB = 1V RMS
TPC 17. AD8130 Frequency Response
for Various Output Levels
FREQUENCY – MHz
0.3
1
10
100
0
–0.3
–0.4
–0.5
–0.6
–0.7
–0.2
–0.1
0.1
0.2
G = 2
RL = 150
VS = 2.5V
VS = 5V
VS = 12V
TPC 12. AD8130 Fine Scale Response
vs. Supply, G = 2, RL = 150
FREQUENCY – MHz
3
1
10
100
0
–3
–4
–5
–6
–7
–2
–1
1
2
VOUT = 2V p-p
0.1
VS = 12V
VS = 2.5V
VS = 5V, 12V
G = 5
G = 10
TPC 15. AD8130 Frequency Response
vs. Supply, G = 5, G = 10, VOUT = 2 V p-p
RL
CL
1
8
4
5
6
RF
RG
50
TEK P6245
FET PROBE
1
2
5
10
RF
GRG
0
499
8.06k
4.99k
499
2k
549
TPC 18. AD8130 Basic Frequency
Response Test Circuit


Similar Part No. - AD8130ARM-REEL72

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8130ARM-REEL7 AD-AD8130ARM-REEL7 Datasheet
801Kb / 40P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
More results

Similar Description - AD8130ARM-REEL72

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8129 AD-AD8129_15 Datasheet
791Kb / 41P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8130 AD-AD8130_15 Datasheet
791Kb / 41P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8129 AD-AD8129_05 Datasheet
801Kb / 40P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8055 AD-AD8055_06 Datasheet
302Kb / 16P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055 Datasheet
207Kb / 11P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
REV. B
logo
Maxim Integrated Produc...
MAX9718 MAXIM-MAX9718 Datasheet
569Kb / 23P
   Low-Cost, Mono/Stereo,1.4W Differential Audio Power Amplifiers
Rev 0; 10/03
MAX9718 MAXIM-MAX9718_09 Datasheet
603Kb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 6; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com