Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CM2730 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. CM2730
Description  300mA DUAL LOW NOISE CMOS LDO
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

CM2730 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CM2730
300mA DUAL LOW NOISE CMOS LDO
2002/09/30
Preliminary Rev. 0.3
Champion Microelectronic Corporation
Page 1
GENERAL DESCRIPTION
FEATURES
The CM2730 dual LDO family are positive linear voltage
regulators developed utilizing CMOS technology. CM2730
contains two LDOs, one with pre-set output voltage (master
LDO1), the other with adjustable output voltage (slave LDO2).
Each LDO owns its input voltage, bandgap reference voltage,
and protection circuit, which reduce noise and cross talk
between two LDOs. This dual LDO family is featured low
quiescent current (60µA typ.), low dropout voltage, and high
output voltage accuracy. Built-in low on-resistance transistor
provides low dropout voltage and large output current. 2.2µF
or greater can be used as an output capacitors.
The PTSSOP-8 package is recommended for configuring
portable devices and large current application, respectively.
These robust devices are designed to prevent device failure
under the worst operation condition with both Thermal
Shutdown and Current Fold-back.
!
Very Low Shutdown Current < 2.0µA
!
Very Low Dropout Voltage: 300mV @ 300mA
!
Low Current Consumption: Typ. 60µA, Max. 70µA
!
Output Voltage: master LDO1 fixed at 2.5V or 3.3V, and
the slave LDO2 adjustable voltage
!
Output Current Range: 0mA ~ 300mA per LDO
!
PTSSOP-08 Package with Power Pad
!
High Accuracy Output Voltage: +/- 1.5%
!
Input Range of 2.6V to 7.0V
!
Independent Thermal Shutdown
!
Power Sequence
!
Power Good Output Function
!
Independent Bandgap
!
Current Limiting
!
Factory Pre-set Output Voltages
!
Short Circuit Current Fold-Back
!
Low Temperature Coefficient
APPLICATIONS
!
Battery-powered devices
!
Personal communication devices
!
Home electric/electronic appliances
!
PC peripherals
24 Hours Technical Support--WebSIM
Champion provides customers an online circuit simulation tool
called WebSIM. You could simply logon our website at
www.champion-micro.com for details.
PIN CONFIGURATION
PTSSOP-08 (PT-08)
Front View
1
2
3
4
8
7
6
5
GND
VOUT1
VIN1
ENB
VFB2
VOUT2
VIN2
PGB


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn