Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE996 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE996
Description  Linear Integrated Circuit Operational Transconductance Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE996 Datasheet(HTML) 2 Page - NTE Electronics

  NTE996 Datasheet HTML 1Page - NTE Electronics NTE996 Datasheet HTML 2Page - NTE Electronics NTE996 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics: (VS = ±15V, IABC = 500µA, TA = +25°C unless otherwise specified)
Parameter
Test Conditions
Min
Typ
Max
Unit
Input Offset Voltage
0.4
5.0
mV
TA = 0° to +70°C, IABC = 5µA
0.3
Input Offset Voltage Charge
5
µA ≤ IABC ≤ 500µA
0.1
mV
Input Offset Current
0.1
µA
Input Bias Current
0.4
5.0
µA
TA = 0° to +70°C
1.0
7.0
Forward Transconductance (gm)
6700
9600 13000
µmho
TA = 0° to +70°C
5400
Peak Output Current
RL = 0, IABC = 5µA
5
µA
RL = 0
350
500
650
RL = 0, TA = 0° to +70°C
300
Peak Output Voltage
Positive
RL = ∞, 5µA ≤ IABC ≤ 500µA
+12.0 +14.2
V
Negative
RL = ∞, 5µA ≤ IABC ≤ 500µA
–12.0 –14.4
Amplifier Supply Current
1.1
mA
Input Offset Voltage Sensitivity
Positive
∆VOFFSET/∆V+
20
150
µV/V
Negative
∆VOFFSET/∆V–
20
150
Common Mode Rejection Ratio
80
110
dB
Common Mode Range
±12
±14
V
Input Resistance
10
26
k
Magnitude of Leakage Current
IABC = 0
0.2
100
nA
Differential Input Current
IABC = 0, Input = ±4V
0.02
100
nA
Open Loop Bandwidth
2.0
MHz
Slew Rate
Unity Gain Compensated
50
V/
µs


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn