Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE996 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE996
Description  Linear Integrated Circuit Operational Transconductance Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE996 Datasheet(HTML) 1 Page - NTE Electronics

  NTE996 Datasheet HTML 1Page - NTE Electronics NTE996 Datasheet HTML 2Page - NTE Electronics NTE996 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE996
Linear Integrated Circuit
Operational Transconductance Amplifier
Description:
The NTE996 is a programmable transconductance block intended to fulfill a wide variety of variable
gain applications. This device has differential inputs and high impedance push–pull outputs. The
NTE996 has high input impedance and its transconductance (gm) is directly proportional to the ampli-
fier bias current (IABC).
High slew rate together with programmable gain make the NTE996 an ideal choice for variable gain
applications such as sample and hold, multiplexing, filtering, and multiplying,
Features:
D Slew Rate (Unity Gain Compensated): 50V/µs
D Fully Adjustable Gain: 0 to gm • RL Limit
D Extended gm Linearity: 3 Decades
D Flexible Supply Voltage Range: ±2V to ±18V
D Adjustable Power Consumption
Absolute Maximum Ratings:
DC Supply Voltage, VS
±18V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PD
250mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential Input Voltage
±5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Amplifier Bias Current, IABC
2mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DC Input Voltage
+VS to –VS
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Short Circuit Duration
Indefinite
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
0
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (During Soldering, 10sec), TL
+260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .


Similar Part No. - NTE996

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE99 NTE-NTE99 Datasheet
27Kb / 3P
   Silicon NPN Transistor Darlington w/Base-Emitter Speed-up Diode
NTE990 NTE-NTE990 Datasheet
24Kb / 3P
   Integrated Circuit Dual Audio Power Amplifier
NTE992 NTE-NTE992 Datasheet
28Kb / 3P
   Integrated Circuit Quad, Single Supply Operational Amplifier
NTE9936 NTE-NTE9936 Datasheet
56Kb / 2P
   Integrated Circuit DTL, Hex Inverter
NTE994M NTE-NTE994M Datasheet
23Kb / 3P
   Integrated Circuit Voltage Controlled Oscillator
More results

Similar Description - NTE996

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE902 NTE-NTE902 Datasheet
25Kb / 3P
   Integrated Circuit Operational Transconductance Amplifier
logo
National Semiconductor ...
LM3080 NSC-LM3080 Datasheet
188Kb / 6P
   Operational Transconductance Amplifier
logo
NTE Electronics
NTE870 NTE-NTE870 Datasheet
25Kb / 3P
   Integrated Circuit Dual Operational Transconductance Amp
logo
ON Semiconductor
NE5517 ONSEMI-NE5517 Datasheet
187Kb / 14P
   Dual Operational Transconductance Amplifier
April, 2006 ??Rev. 3
logo
NXP Semiconductors
NE5517 PHILIPS-NE5517 Datasheet
298Kb / 13P
   Dual operational transconductance amplifier
2002 Dec 06
logo
ON Semiconductor
NE5517 ONSEMI-NE5517_13 Datasheet
183Kb / 15P
   Dual Operational Transconductance Amplifier
June, 2013 ??Rev. 4
logo
KEC(Korea Electronics)
KIA75S358F KEC-KIA75S358F Datasheet
88Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (SINGLE OPERATIONAL AMPLIFIER)
KIA324P KEC-KIA324P Datasheet
81Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (QUAD OPERATIONAL AMPLIFIER)
KIA358P KEC-KIA358P Datasheet
88Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL OPERATIONAL AMPLIFIER)
logo
NXP Semiconductors
NE5517 PHILIPS-NE5517 Datasheet
193Kb / 18P
   Dual operational transconductance amplifier
2002 Dec 06
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com