Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2806236 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part No. 2806236
Description  Residual current converter for type B residual current monitor.
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

2806236 Datasheet(HTML) 2 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/us/products/2806236
10/17/2014   Page 2 / 4
Differential current monitoring - RCM-B-SCT- 70 - 2806236
Technical data
Ambient conditions
Ambient temperature (operation)
-20 °C ... 65 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
General
Housing material
Polycarbonate
Mounting type
Screw mounting
Common characteristics
Rated current In
200 A
Rated response differential current Idyn
3 A
Differential current acquisition characteristic
Type B+ (DC up to 100 kHz)
Response differential current IΔn
0.03 A ... 3 A
Thermal permanent differential current Icth
150 A (50 Hz / 20 kHz)
Thermal rated short-time differential current Ith
3 kA for 1 s (50 Hz/20 kHz)
Rated surge voltage resistance Uimp
8 kV
Surge voltage category
IV
Rated voltage Un
690 V
Pollution degree
2
Max. overcurrent as regards the non-resolution
6 x In
Rated differential short-circuit current IΔc
10 kA
Rated surge differential current Idyn
10 kA
Connections
Connection method
RJ45
Cable/line name
Converter supply line
Maximum cable length
10 m
Cable type
RJ45/1:1 patch cable
Individual wires per module
8
Standards and Regulations
Standards/specifications
DIN EN 62020
VDE 0663
DIN EN 60044-1
VDE 0414
DIN VDE 0664-400 2012


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn