Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2806236 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. 2806236
Description  Residual current converter for type B residual current monitor.
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

2806236 Datasheet(HTML) 1 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/2806236
10/17/2014   Page 1 / 4
Differential current monitoring - RCM-B-SCT- 70 - 2806236
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Residual current converter for type B+ residual current monitor.
Product Features
 Residual current detection characteristics type B+ (DC up to 100 kHz)
 Detects smooth and pulsating DC and AC residual currents
 Adjustable residual response current of 30 mA to 3 A
 Adjustable pre-alarm threshold and delay time
 Actual residual current can be read via LED display
 Remote signaling for main and pre-alarm
 Residual current monitoring devices act as a form of fire prevention
 
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
1080.0 GRM
Custom tariff number
85043180
Country of origin
Germany
Technical data
Dimensions
Height
115 mm
Width
65.5 mm
Depth
177 mm
Diameter converter
70.00 mm
Outside diameter of cables max.
46.00 mm
Ambient conditions
Degree of protection
IP20


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn