Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

2806087 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part No. 2806087
Description  Differential current converter for type A differential current monitor.
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

2806087 Datasheet(HTML) 2 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/us/products/2806087
10/17/2014   Page 2 / 4
Differential current monitoring - RCM-A-SCT-105 - 2806087
Technical data
Ambient conditions
Ambient temperature (operation)
-20 °C ... 65 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
General
Housing material
Polycarbonate
Mounting type
Screw mounting
Common characteristics
Rated current In
250 A
Rated response differential current Idyn
3 A
Differential current acquisition characteristic
Type A (50 / 60 Hz)
Response differential current IΔn
0.03 A ... 3 A
Thermal permanent differential current Icth
1.5 x In
Thermal rated short-time differential current Ith
10 x In (for 1 s)
Rated surge voltage resistance Uimp
8 kV
Surge voltage category
IV
Rated voltage Un
690 V
Pollution degree
2
Max. overcurrent as regards the non-resolution
6 x In
Rated differential short-circuit current IΔc
10 kA
Rated surge differential current Idyn
25 x In
Connections
Connection method
Screw terminal blocks
Number of connections
2
Stripping length
8 mm
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
4 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
12
Cable/line name
Converter supply line
Maximum cable length
10 m
Cross section
0.5 mm²
Cable type
LiY
Standards and Regulations
Standards/specifications
DIN EN 62020


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn