Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2SK2976 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part No. 2SK2976
Description  DC-DC Converter Applications
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 3 page
background image
2SK2976
No.6003–3/4
I D - VDS
RDS(on) - Tc
RDS(on) - VGS
I D - VGS
| yfs | - I D
I F - VSD
VGS - Qg
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
23
5 7
23
5 7
23
5 7
23
5 7
-60
-40
-20
0
20
40
60
80
100
120
160
140
ID=4A,V
GS=4V
ID=7A,
VGS=10V
75
°C
VGS=0
Tc=25
°C
Tc=
- 25
°C
f=1MHz
Ciss
Crss
Coss
VDS=10V
ID=7A
25°
C
2.5V
6.0V
8.0V
VGS=2.0V
VDS=10V
VDS=10V
Ciss, Coss, Crss - VDS
ID=4A
ID=7A
10
5
0
15202530
20
10
0
40
30
60
50
80
90
70
100
20
0
40
60
80
100
10
30
50
70
90
0
0.1
0.2
0.3
0.5
0.4
0.6
1.0
0.7
0.8
0.9
8
7
6
5
1
0
3
2
4
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
2
4
6
8
10
1
3
5
7
9
0
0.5
1.0
1.5
2.0
2.5
3.0
0.1
1.0
10
100
0.01
0.1
1.0
10
100
2
0
4
6
8
10
12
14
16
18
20
0.01
0.1
1.0
10
100
10
1000
10000
5
10152025
0
0
1
2
3
4
5
6
7
8
9
10
Drain-to-Source Voltage, VDS –V
Gate-to-Source Voltage, VGS –V
Drain Current, ID –A
Gate-to-Source Voltage, VGS –V
Case Temperature, Tc – ˚C
Diode Forward Voltage, VSD –V
Drain-to-Source Voltage, VDS –V
Total Gate Charge, Qg
nC




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SC3075TRANSISTOR SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING HIGH SPEED DC-DC CONVERTER APPLICATIONS 1 2 3 4 Toshiba Semiconductor
2SC3405NPN TRIPLE DIFFUSED TYPE SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING HIGH SPEED DC-DC CONVERTER APPLICATIONS 1 2 3 4 Toshiba Semiconductor
2SC5356NPN TRIPLE DIFFUSED TYPE SWITCHING REGULATOR HIGH VOLTAGE SWITCHING DC-DC CONVERTER APPLICATIONS 1 2 3 4 Toshiba Semiconductor
2SJ464P CHANNEL MOS TYPE HIGH SPEED HIGH CURRENT SWITCHING CHOPPOER REGULATOR DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor
2SK1359N CHANNEL MOS TYPE HIGH SPEED HIGH CURRENT SWITCHING DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS 1 2 3 4 5 MoreToshiba Semiconductor
2SK2201N CHANNEL MOS TYPE HIGH SPEED HIGH VOLTAGE SWITCHING CHOPPER REGULATOR DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor
2SK2381N CHANNEL MOS TYPE HIGH SPEED HIGH VOLTAGE SWITCHING CHOPPER REGULATOR DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor
2SK2607N CHANNEL MOS TYPE HIGH SPEED HIGH VOLTAGE SWITCHING CHOPPER REGULATOR DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor
2SK2741N CHANNEL MOS TYPE HIGH SPEED HIGH VOLTAGE SWITCHING CHOPPER REGULATOR DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor
2SK2967N CHANNEL MOS TYPE HIGH SPEED HIGH VOLTAGE SWITCHING CHOPPER REGULATOR DC-DC CONVERTER RELAY DRIVE AND MOTOR DRIVE APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl