Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA-1650-83 Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # PA-1650-83
Description  Class??63W LED Controlgear
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

PA-1650-83 Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  PA-1650-83 Datasheet HTML 1Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ClassⅡ 63W LED Controlgear : PA-1650-83 Series
Product Features
• Universal AC Input
• High Power Factor
• Low Total Harmonic Distortion
• Short Circuit / Open Circuit / Over Voltage / Over Temperature Protections
• Suitable for Dry & Damp Location
• Adjustable Output Current by Dimming Input
• RoHS Compliant
AC Input / DC Output
EMC
• AC Input Voltage
100 ~ 305Vac (110 ~ 277Vac)
• EMI
• AC Input Frequency
47 ~ 63Hz (50~60Hz)
• Max. Input Current @ 110Vac (60Hz)
1.0A
• Min. PF @ 230Vac (50Hz) / 24V Output
0.95
• Min. PF @ 230Vac (50Hz) / 18V Output
0.92
• Min. PF @ 277Vac (60Hz) / Output > 30W
0.9
• Max. THD @ 110~277Vac / Output > 30W
20%
• Min. Eff. @ 110~277Vac / 24V Output
85%
• Turn On Delay Time
<1 seconds
• DC Output Current
2640mA
• Line Regulation
±3%
• Load Regulation
±5%
• DC Output Voltage Range
18 ~ 24V
• Ripple Current
±20%
• DC Output Isolation
yes
Operating Environments / Reliability
Mechanical
• Operating Temperature / Humidity
-40 ~ 60℃ / 10 ~ 95% RH
• AC Input Terminal
170mm / black(L) & white(N) color / UL1316
• Storage Temperature / Humidity
-40 ~ 80℃ / 10 ~ 95% RH
• DC Output Terminal
170mm / red(DC +) & blue(DC -) color / UL1316
• Vibration (with shipping container)
1.146Grms / 5~200Hz / six sides
• Dimming Input Terminal
170mm / purple(dim +) & gray(dim -) color / UL1316
30 minutes / side
• Weight (typ.)
730g
• Vibration (operation)
6Grms / 10~1000Hz / X/Y/Z axis
169mm(L) * 70.2mm(W) * 34mm(H)
15 minutes / axis
• MTBF Life (Note 3)
50,000 Hrs while Tc≦75℃
100,000 Hrs while Tc≦65
• Tc
85℃
• Cooling
free air convection
• Sound Level
meet Class A sound rating
Protections
• OVP or Open Circuit
auto recovery, 30V max.
• SCP
auto recovery
• OTP
latch off
Safety / Certifications
Dimming Input
• Hi Pot (AC I/P to Case)
3750Vac / 10mA / 60Sec.
• Support 2 in 1 Dimming Function
• Hi Pot (AC I/P to O/P)
3750Vac / 10mA / 60Sec.
• Resistor Dimming Range (10~100K)
• Insulation (AC I/P to O/P)
>20M
Ω , 500Vdc
• Voltage Dimming Range (1~10V)
• Complied with UL8750, 1st Edition
• Resistor Dimming Reference Table
• Complied with UL60950-1, 2nd Edition
Resistor Dimming
63.4K
Ω ±1%
• Complied with CAN/CSA-C22.2 No.60950-1-07,2nd Edition
Output Current
1700mA
Tolerance
±10%
• Voltage Dimming Reference Table
Voltage Dimming
6.2V
Output Current
1700mA
Tolerance
±10%
Notes :
(1) above definition is based on 25℃ ambient if not specified
(2) this LED driver is designed and intended for operating with LED load only
(3) MTBF evaluation is based on SR-332 method, 115Vac/60Hz, max load
(4) to measure efficiency after burn-in 30 minutes with full output load
(5) recommend to install the controlgear inside the enclosure
Revised on 2015.04.01
www.liteon.com
(SL) Ver. D
• Lighting Surge
• CS Immunity Test
• Voltage Dips & Short Interruptions
• Harmonic Current Emissions
• Voltage Fluctuations & Flicker
• Electrostatic Discharge (ESD)
• RS Immunity Test
• Electrical Fast Transient
±4KV (Com.), ±4KV (Dif.)
FCC Class A
EN61000-3-2
EN61000-3-3
EN61000-4-2
±4KV (Contact),±8KV (Air)
EN61000-4-3
80MHz ~ 1GHz, 3V/m, 80% AM (1KHz)
EN61000-4-4
±1KV for AC power line, ±0.5KV for DC / signal line
EN61000-4-5
EN61000-4-6
0.15MHz ~ 80MHZ, 3V, 80% AM (1KHz)
EN61000-4-11
30%, 25 cycles voltage reduction
100%, 0.5 cycles voltage reduction
• Outline Dimension


Similar Part No. - PA-1650-83

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
PA-1650-50 LITEON-PA-1650-50 Datasheet
301Kb / 3P
   Laptop Power Adapter
PA-1650-58 LITEON-PA-1650-58 Datasheet
390Kb / 3P
   Industrial Adapter Power Delivery 5/9/12/15/20V Series
PA-1650-67PW LITEON-PA-1650-67PW Datasheet
277Kb / 3P
   PD Charger Wall Mount Series
PA-1650-90 LITEON-PA-1650-90 Datasheet
317Kb / 3P
   Laptop Power Adapter
More results

Similar Description - PA-1650-83

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
PA-1600-48 LITEON-PA-1600-48 Datasheet
178Kb / 1P
   Class??63W LED Controlgear
logo
List of Unclassifed Man...
SEU60 ETC2-SEU60 Datasheet
565Kb / 2P
   63W Enclosed Switching Power Supplies
logo
ETAL Group
8330-F ETAL-8330-F Datasheet
326Kb / 6P
   Power supplies, process control, switchgear and controlgear
logo
DENSEI-LAMBDA
ZWD75 LAMBDA-ZWD75 Datasheet
67Kb / 1P
   Dual output 51W ~ 63W
logo
List of Unclassifed Man...
SEU61 ETC2-SEU61 Datasheet
451Kb / 2P
   63W Enclosed Switching Power Supplies
logo
Total Power Internation...
TPSUU-60 TOTAL-POWER-TPSUU-60 Datasheet
290Kb / 2P
   63W U Bracket Type I.T.E. Power Supplies
logo
Volgen Kaga Electronics...
SEU60 VOLGEN-SEU60 Datasheet
565Kb / 2P
   63W Enclosed Switching Power Supplies For I.T.E.
logo
Vitec Power
SHDA63A Vitec-SHDA63A Datasheet
354Kb / 2P
   63W Desktop Power Supply for Medical Equipment
SHDA63C Vitec-SHDA63C Datasheet
355Kb / 2P
   63W Desktop Power Supply for Medical Equipment
SMDA60B-SERIES Vitec-SMDA60B-SERIES Datasheet
372Kb / 2P
   63W Desktop Power Supply for Medical Equipment
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com