Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZL40123 Datasheet(PDF) 6 Page - Zarlink Semiconductor Inc

Part No. ZL40123
Description  High Speed, Current Feedback Dual Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZARLINK [Zarlink Semiconductor Inc]
Homepage  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL40123 Datasheet(HTML) 6 Page - Zarlink Semiconductor Inc

Back Button ZL40123 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL40123 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL40123 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL40123 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL40123 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL40123 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL40123 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL40123 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL40123 Datasheet HTML 10Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ZL40123
Data Sheet
6
Zarlink Semiconductor Inc.
Note: Test Types:
(A) 100% tested at 25
°C. Over temperature limits are set by characterization and simulation.
(B) Limits set by characterization or simulation.
(C) Typical value only for information.
Input Bias Current – Inverting
7.4
±25
±28
uA
A
Average Drift
-
-
15
nA/deg. C
C
Power Supply Rejection Ratio
(+ve)
DC
61
58
57
dB
A
Power Supply Rejection Ratio
(-ve)
DC
58
56
55
dB
A
Common Mode Rejection Ratio
DC
54
50
49
dB
A
Supply Current (per Channel)
Quiescent
5.2
6.5
6.7
mA
A
Miscellaneous Performance
Input Resistance (Non-inverting)
8
-
-
M
C
Input Capacitance (Non-inverting)
1
-
-
pF
C
Common Mode Input Range
±2.4
±2.2
±2.0
V
A
Output Voltage Range
Rload=100
±2.8
±2.7
±2.6
V
A
Output Current (max)
65
-
-
mA
C
Output Resistance, Closed Loop
DC
90
-
-
m
C
Characteristic
Conditions
Typ
25C
Min/
Max
25C
Min/
Max
40 to
+85C
Units
Test
Type1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn