Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ZL40123 Datasheet(PDF) 5 Page - Zarlink Semiconductor Inc

Part No. ZL40123
Description  High Speed, Current Feedback Dual Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZARLINK [Zarlink Semiconductor Inc]
Homepage  http://www.zarlink.com
Logo 

ZL40123 Datasheet(HTML) 5 Page - Zarlink Semiconductor Inc

 
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
ZL40123
5
Zarlink Semiconductor Inc.
Electrical Characteristics - Vcc=±5V, Tamb=25C(typ.),Tamb=-40C to +85C(min-max), Av=+2V/V,
Rf=510
Ω, Rload=100Ω unless specified.
Characteristic
Conditions
Typ
25C
Min/
Max
25C
Min/
Max
40 to
+85C
Units
Test
Type1
Frequency Domain Response
-3dB Bandwidth
Av=+1; Vo < 0.5Vp-p;
Rf=1.5k
450
-
-
MHz
C
Av=+2; Vo < 0.5Vp-p;
Rf=510
380
-
-
MHz
C
Av=+2; Vo < 5V p-p;
Rf=510
170
-
-
MHz
C
+/- 0.1dB Flatness
Av=+2; Vo < 0.5Vp-p;
Rf=510
120
-
-
MHz
C
Differential Gain (NTSC)
Rload=150
0.01
-
-
%
C
Differential Phase (NTSC)
Rload=150
0.015
-
-
deg.
C
Time Domain Response
Rise and Fall Time
Vout=0.5V Step
1
-
-
ns
C
Vout=5V Step
2.8
-
-
ns
C
Settling Time to 0.1%
Vout=2V Step
6
-
-
ns
C
Overshoot
Vout=0.5V Step
4
-
-
%
C
Slew Rate
Vout=5V Step
1500
-
-
V/
µsC
Noise and Distortion
2nd Harmonic Distortion
Vout=2Vp-p, 1MHz
-84
-
-
dBc
C
3nd Harmonic Distortion
Vout=2Vp-p, 1MHz
-85
-
-
dBc
C
Equivalent Input Noise
Voltage
>1MHz
5.5
-
-
nV
C
Non-Inverting Current
>1MHz
1.3
-
-
pV
C
Inverting Current
>1MHz
11
-
-
pA
C
Static, DC Performance
Input Offset Voltage
2.7
±6.3
±7.7
mV
A
Average Drift
-
-
15
µV/deg. C
C
Input Bias Current – Non-inverting
2.6
±5.6
±6
µAA
Average Drift
-
-
6
nA/deg. C
C
Hz
Hz
Hz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn