Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VUB60 Datasheet(PDF) 1 Page - IXYS Corporation

Part No. VUB60
Description  Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VUB60 Datasheet(HTML) 1 Page - IXYS Corporation

  VUB60 Datasheet HTML 1Page - IXYS Corporation VUB60 Datasheet HTML 2Page - IXYS Corporation VUB60 Datasheet HTML 3Page - IXYS Corporation VUB60 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2000 IXYS All rights reserved
1 - 4
Data according to IEC 60747
IXYS reserves the right to change limits, test conditions and dimensions.
V
RRM
Type
V
1200
VUB 60-12 NO1
1600
VUB 60-16 NO1
Symbol
Test Conditions
Maximum Ratings
V
RRM
1200 / 1600
V
I
dAV
T
H
= 110
°C, sinusoidal 120°
59
A
I
dAVM
limited by leads
70
A
I
FSM
T
VJ
= 45
°C, t = 10 ms, V
R = 0 V
530
A
T
VJ
= 150
°C, t = 10 ms, V
R = 0 V
475
A
I2t
T
VJ
= 45
°C, t = 10 ms, V
R = 0 V
1400
A
T
VJ
= 150
°C, t = 10 ms, V
R = 0V
1130
A
P
tot
T
H
= 80
°C per diode
49
W
-
V
CES
T
VJ
= 25
°C to 150°C
1200
V
V
GE
Continuous
± 20
V
I
C25
T
H
= 25
°C, DC
31
A
I
C70
T
H
= 70
°C, DC
23
A
I
C80
T
H
= 80
°C, DC
21
A
I
CM
t
p
= Pulse width limited by T
VJM
62
A
P
tot
T
H
= 80
°C
70
W
V
RRM
1200
V
I
FAV
T
H
= 80
°C, rectangular d = 0.5
8
A
I
FRMS
T
H
= 80
°C, rectangular d = 0.5
12
A
I
FRM
T
H
= 80
°C, t
P = 10 µs, f = 5 kHz
90
A
I
FSM
T
VJ
= 45
°C, t = 10 ms
75
A
T
VJ
= 150
°C, t = 10 ms
60
A
P
tot
T
H
= 80
°C22
W
T
VJ
-40...+150
°C
T
VJM
150
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz
t = 1 min
3000
V~
I
ISOL £ 1 mA
t = 1 s
3600
V~
M
d
Mounting torque
(M5)
2-2.5
Nm
(10-32 unf)
18-22
lb.in.
Weight
typ.
35
g
Features
q
Soldering connections for PCB
mounting
q
Isolation voltage 3600 V~
q
Ultrafast freewheel diode
q
Convenient package outline
q
UL registered E 72873
q
Thermistor
Applications
q
Drive Inverters with brake system
Advantages
q
2 functions in one package
q
No external isolation
q
Easy to mount with two screws
q
Suitable for wave soldering
q
High temperature and power cycling
capability
Dimensions in mm (1 mm = 0.0394")
VUB 60
V
RRM = 1200-1600 V
I
dAVM
= 70 A
Three Phase Rectifier Bridge
with IGBT and Fast Recovery Diode
for Braking System
1 2
4 5
6
7
9 10


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn