Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSC6511 Datasheet(PDF) 3 Page - Vitesse Semiconductor Corporation

Part # VSC6511
Description  SMPTE-292M Serializer, Deserializer, and Deserializer/Reclocker at 1.485Gb/s
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC6511 Datasheet(HTML) 3 Page - Vitesse Semiconductor Corporation

  VSC6511 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC6511 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC6511 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC6511 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC6511 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC6511 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC6511 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC6511 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC6511 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 3
4/10/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC6511
Deserializer/Reclocker at 1.485Gb/s
SMPTE-292M Serializer, Deserializer, and
G52311-0, Rev. 2.0
Serial Input
The differential PECL-style input, SDI/SDI, is the input source for 1.485 Gb/s SMPTE-292M data in the
Deserializer and Reclocker modes. This input is ignored in Serializer mode.
Clock Recovery Unit
The serial data on the SDI/SDI input is sent to the digital Clock Recovery Unit (CRU) which extracts the
clock and retimes the data. This digital CRU is completely monolithic and requires no external components.
Furthermore, it automatically locks onto data when present and locks to REFCLK when data is not present. This
eliminates the need for the system to control the CRU. The CRU is enabled only in the Deserializer and Deseri-
alizer/Reclocker modes.
Deserializer
The reclocked serial bit stream is deserialized into a 20-bit parallel character. D0 is serially received prior to
D1. The VSC6511 provides a TTL recovered clock, RCLK at one twentieth of the serial baud rate. This clock is
generated by dividing down the high-speed clock from the CRU which is phase locked to the serial data.
The
deserializer is enabled only in the Deserializer and Deserializer/Reclocker modes.
If serial input data is not present, or does not meet the required baud rate, the VSC6511 will continue to
produce a recovered clock so that downstream logic may continue to function. The RCLK output frequency
under these circumstances will differ from their expected frequency by less than +1%.
Descrambler and NRZI Decoder
The VSC7152 contains a descrambler/NRZI Decoder which processes the recovered serial data and out-
puts unscrambled and NRZI decoded serial data from the deserializer. The serial scrambled data is descrambled/
NRZI decoded assuming data has been scrambled/NRZI encoded with the following combined generator poly-
nomial: G(x)=(x9+x4+1)(x+1). Descrambling is enabled with the SCREN input is HIGH and disabled when
LOW. The descrambler is enabled only in the Deserializer mode.
CRC Checker
The 20-bit data from the Descrambler is sent to the CRC Checker where a running CRC checksum is con-
tinuously calculated. As 20-bit data is sent out of the chip, the CRC output pin is asserted if the checksum did
not meet the value expected. This error is asserted from the first CRC Error until the end of the line. A controller
monitors the 20-bit data out of the serializer for SAV/EAV frames in order to control the CRC Checker. The
CRC Checker is enabled only in Deserializer and Deserializer/Reclocker modes.
Frame Aligner
The VSC6511 monitors the serial data stream for SAV/EAV characters. These characters should be located
within each line of video data. If SAV/EAV is not detected within the period of one line, the Framer sends a sig-
nal to the Deserializer to shift the data one bit. The Framer then looks for SAV/EAV and the process repeats
until properly detected. Without these patterns, serial data is not aligned in any way with the parallel outputs.
The Framer outputs a once-per-line (LINE), Horizontal ANCilliary period (HANC), 1.001/1.000 output (1.001)
and a once-per-frame (FRAME) signal indicating the detection of the proper synchronization pulse in the data.
Framing is enabled only in Deserializer mode.
The Frame Aligner also outputs the LINE, FRAME and HANC outputs signals. The timing of these signals
is indicated below.


Similar Part No. - VSC6511

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VSC600P10MS VBSEMI-VSC600P10MS Datasheet
520Kb / 9P
   P-Channel 100-V (D-S) MOSFET
logo
Vitesse Semiconductor C...
VSC6048 VITESSE-VSC6048 Datasheet
204Kb / 18P
   High-Speed Octal Programmable Timing Generator
VSC6134 VITESSE-VSC6134 Datasheet
454Kb / 2P
   Advanced 10 Gb/s Transport Processor with Enhanced FEC
VSC6250 VITESSE-VSC6250 Datasheet
226Kb / 18P
   1Gb/s 16-Channel Drive-Side Deskew IC
VSC6250QW VITESSE-VSC6250QW Datasheet
226Kb / 18P
   1Gb/s 16-Channel Drive-Side Deskew IC
More results

Similar Description - VSC6511

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0031 TI1-LMH0031 Datasheet
375Kb / 39P
[Old version datasheet]   SMPTE 292M/259M Digital Video Deserializer / Descrambler
logo
National Semiconductor ...
CLC031 NSC-CLC031 Datasheet
390Kb / 31P
   SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancilliary Data FIFOs
CLC031A NSC-CLC031A Datasheet
375Kb / 31P
   SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancillary Data FIFOs
LMH0031 NSC-LMH0031 Datasheet
770Kb / 31P
   SMPTE 292M/259M Digital Video Deserializer Descrambler with Video and Ancillary Data FIFOs
DS25C400 NSC-DS25C400 Datasheet
409Kb / 26P
   Quad 2.5 Gbps Serializer/Deserializer
logo
Cypress Semiconductor
CYV15G0104TRB CYPRESS-CYV15G0104TRB Datasheet
775Kb / 28P
   Independent Clock HOTLink II??Serializer and Reclocking Deserializer
logo
Texas Instruments
LM2502 TI1-LM2502 Datasheet
1Mb / 31P
[Old version datasheet]   Mobile Pixel Link Display Interface Serializer and Deserializer
logo
Cypress Semiconductor
CYV15G0104 CYPRESS-CYV15G0104 Datasheet
985Kb / 28P
   Independent Clock HOTLink II Serializer and Reclocking Deserializer
CYV15G0104TRB CYPRESS-CYV15G0104TRB_09 Datasheet
770Kb / 28P
   Independent Clock HOTLink II Serializer and Reclocking Deserializer
logo
Texas Instruments
SN75LVDT1422 TI-SN75LVDT1422 Datasheet
253Kb / 20P
[Old version datasheet]   14-BIT FULL DUPLEX SERIALIZER/DESERIALIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com