Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLA192S Datasheet(PDF) 2 Page - IXYS Corporation

Part # PLA192S
Description  Single Pole, Normally Open OptoMOS Relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PLA192S Datasheet(HTML) 2 Page - IXYS Corporation

  PLA192S Datasheet HTML 1Page - IXYS Corporation PLA192S Datasheet HTML 2Page - IXYS Corporation PLA192S Datasheet HTML 3Page - IXYS Corporation PLA192S Datasheet HTML 4Page - IXYS Corporation PLA192S Datasheet HTML 5Page - IXYS Corporation PLA192S Datasheet HTML 6Page - IXYS Corporation PLA192S Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R07
PLA192
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to the
device. Functional operation of the device at conditions beyond
those indicated in the operational sections of this data sheet is
not implied.
Parameter
Rating
Units
Blocking Voltage
600
V
P
Reverse Input Voltage
5
V
Input Control Current
50
mA
Peak (10ms)
1
A
Input Power Dissipation 1
150
mW
Total Package Dissipation 2
800
mW
Isolation Voltage, Input to Output
(60 Seconds)
5000
V
rms
ESD Rating, Human Body Model
4
kV
Operational Temperature
-40 to +85
ºC
Storage Temperature
-40 to +125
ºC
1 Derate linearly 1.33 mW / ºC
2 Derate linearly 6.67 mW / ºC
Absolute Maximum Ratings @ 25ºC (Unless Otherwise Noted)
Electrical Characteristics @ 25ºC (Unless Otherwise Noted)
Parameters
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Load Current
Continuous, AC/DC Configuration
-
I
L
-
-
150
mA
rms / mADC
Continuous, DC-Only Configuration
-
-
-
220
mA
DC
Peak
t=10ms
I
LPK
-
-
±400
mA
P
On-Resistance
AC/DC Configuration
I
L=150mA
R
ON
-
13.3
22
DC-Only Configuration
I
L=220mA
-
4.15
8
Off-State Leakage Current
V
L=600VP
I
LEAK
--
1
A
Switching Speeds
Turn-On
I
F=5mA, VL=10V
t
on
--
5
ms
Turn-Off
t
off
--
5
Output Capacitance
V
L=50V, f=1MHz
C
OUT
-10
-
pF
Input Characteristics
Input Control Current to Activate
I
L=100mA
I
F
-
0.22
5
mA
Input Control Current to Deactivate
-
I
F
0.1
0.21
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
--
10
A
Common Characteristics
Input to Output Capacitance
-
C
I/O
-3
-
pF
PLA192E Safety and Insulation Ratings
Parameters
Conditions
Symbol
Min
Max
Units
Pollution Degree 2 according to DIN VDE 0109
-
----
Highest Allowable Over-Voltage
Transient Voltage
V
IOTM
7071
-
V
P
Maximum Working Insulation Voltage
Recurring Voltage
V
IORM
1000
-
V
P
Partial Discharge Test Voltage
DIN EN 60747-5-5 Method B
V
PR
-
1875
V
P
Isolation Test Voltage
-
V
ISO
-
5000
V
rms
Creepage Distance
-
-
7.6
-
mm
Clearance Distance
-
-
7.6
-
mm


Similar Part No. - PLA192S

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PLA192S CLARE-PLA192S Datasheet
483Kb / 5P
   Single Pole OptoMOS Relays
PLA192STR CLARE-PLA192STR Datasheet
483Kb / 5P
   Single Pole OptoMOS Relays
More results

Similar Description - PLA192S

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
   Single-Pole, Normally Open OptoMOS Relay
LCA127 IXYS-LCA127 Datasheet
123Kb / 7P
   Single-Pole, Normally Open OptoMOS Relay
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
   Single Pole, Normally Open OptoMOS Relay
LCA125L IXYS-LCA125L Datasheet
123Kb / 7P
   Single-Pole, Normally Open OptoMOS Relay
LCA129 IXYS-LCA129 Datasheet
105Kb / 5P
   Single-Pole, Normally Open OptoMOS Relay
PLA110L IXYS-PLA110L Datasheet
124Kb / 7P
   Single Pole, Normally Open OptoMOS Relay
PLA110 IXYS-PLA110 Datasheet
123Kb / 7P
   Single Pole, Normally Open OptoMOS Relay
LCA120L IXYS-LCA120L Datasheet
123Kb / 7P
   Single-Pole, Normally Open OptoMOS Relay
LCA125 IXYS-LCA125 Datasheet
120Kb / 7P
   Single-Pole, Normally Open OptoMOS Relay
PLA140 IXYS-PLA140 Datasheet
127Kb / 7P
   Single-Pole Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com