Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK7757 Datasheet(PDF) 13 Page - Asahi Kasei Microsystems

Part # AK7757
Description  Audio DSP with 24bit 3ch ADC 4ch DAC MIC Amp
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7757 Datasheet(HTML) 13 Page - Asahi Kasei Microsystems

Back Button AK7757 Datasheet HTML 9Page - Asahi Kasei Microsystems AK7757 Datasheet HTML 10Page - Asahi Kasei Microsystems AK7757 Datasheet HTML 11Page - Asahi Kasei Microsystems AK7757 Datasheet HTML 12Page - Asahi Kasei Microsystems AK7757 Datasheet HTML 13Page - Asahi Kasei Microsystems AK7757 Datasheet HTML 14Page - Asahi Kasei Microsystems AK7757 Datasheet HTML 15Page - Asahi Kasei Microsystems AK7757 Datasheet HTML 16Page - Asahi Kasei Microsystems AK7757 Datasheet HTML 17Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
[AK7757]
MS1489-E-02-PB
13
2013/07
ADC Block (ADC1/2)
1. fs=48kHz
(Ta=-40ºC ~85ºC, AVDD=DVDD=3.0~3.6V, fs=48kHz, Note 21)
Parameter
Symbol
min
typ
max
Unit
Passband
(±0.1dB) (Note 22)
(-0.2dB)
(-3.0dB)
PB
0
20.0
23.0
18.9
kHz
kHz
kHz
Stopband
SB
28
kHz
Passband Ripple
(Note 22)
PR
±0.04
dB
Stopband Attenuation (Note 23, Note 24)
SA
68
dB
Group Delay Distortion
ΔGD
0
μs
Group Delay
(Ts=1/fs)
GD
16
Ts
Note 21. The passband and stopband frequencies are proportional to fs (system sampling rate). High-pass filter
characteristics are not included.
Note 22. The passband is from DC to 18.9kHz when fs=48kHz.
Note 23. The stopband is 28kHz to 3.044MHz when fs=48kHz.
Note 24. When fs = 48kHz, the analog modulator samples the input signal at 3.072MHz. There is no attenuation of an
input signal in band (n x 3.072MHz ±28kHz; n=0, 1, 2, 3…) of integer times of the sampling frequency by the
digital filter.
DAC1-4
(Ta=-40ºC ~85ºC; AVDD=DVDD=3.0~3.6V; fs=48kHz; DEM=OFF)
Parameter
Symbol
min
typ
max
Unit
Passband (±0.05dB) (Note 25)
(-6.0dB)
PB
0
24
21.7
kHz
kHz
Stopband
(Note 25)
SB
26.2
kHz
Passband Ripple
PR
±0.01
dB
Stopband Attenuation
SA
64
dB
Group Delay (Ts=1/fs) (Note 26)
GD
24
Ts
Digital Filter + Analog Filter
Amplitude Characteristics 20Hz~20.0kHz
±0.5
dB
Note 25. The pass band and stop band frequencies are proportional to “fs” (system sampling rate), and represents
PB=0.4535fs (@±0.05dB) and SB=0.5465fs, respectively.
Note 26. The digital filter delay is calculated as the time from setting data into the input register until an analog signal is
output.
DIGITAL FILTER CHARACTERISTICS


Similar Part No. - AK7757

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7757VQ AKM-AK7757VQ Datasheet
656Kb / 24P
   24bit 3ch ADC 4ch DAC Mic Amp ?낁뵷 Audio DSP
More results

Similar Description - AK7757

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7757VQ AKM-AK7757VQ Datasheet
656Kb / 24P
   24bit 3ch ADC 4ch DAC Mic Amp ?낁뵷 Audio DSP
AK7744VT AKM-AK7744VT Datasheet
444Kb / 50P
   24bit 3ch ADC 24bit 4ch DAC with Audio DSP
AK7722 AKM-AK7722 Datasheet
457Kb / 28P
   24bit 4ch ADC 24bit 4ch DAC with Audio DSP
AK7740ET AKM-AK7740ET Datasheet
281Kb / 48P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7742 AKM-AK7742 Datasheet
346Kb / 16P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK4591 AKM-AK4591 Datasheet
257Kb / 40P
   24bit 4ch ADC 24bit 6ch DAC
AK4691 AKM-AK4691 Datasheet
1,017Kb / 80P
   4ch ADC 2ch DAC with MIC/HP/SPK-AMP
AK4616VQ AKM-AK4616VQ Datasheet
814Kb / 46P
   24bit 3ch/5ch Audio CODEC with Mic Amplifier
AK4695 AKM-AK4695 Datasheet
3Mb / 107P
   24bit 4ch CODEC with MIC/HP/SPK/LINE-AMP
AK4695ECB AKM-AK4695ECB Datasheet
3Mb / 107P
   24bit 4ch CODEC with MIC/HP/SPK/LINE-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com