Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2750798 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part No. 2750798
Description  INTERBUS ST bus terminal modules with additional interfaces (I/O)
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

2750798 Datasheet(HTML) 2 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
https://www.phoenixcontact.com/us/products/2750798
09/08/2014   Page 2 / 6
Bus coupler - IBS ST ZF 24 BK DIO 8/8/3-T - 2750798
Custom tariff number
85389091
Country of origin
Germany
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
118 mm
Height
117 mm
Depth
116 mm
Ambient conditions
Ambient temperature (operation)
0 °C ... 55 °C
Ambient temperature (storage/transport)
-25 °C ... 70 °C
Permissible humidity (operation)
75 % (on average, 85% infrequently, non-condensing)
Permissible humidity (storage/transport)
75 % (on average, 85% infrequently, non-condensing)
Air pressure (operation)
80 kPa ... 106 kPa (up to 2000 m above mean sea level)
Air pressure (storage/transport)
80 kPa ... 106 kPa (up to 2000 m above mean sea level)
Degree of protection
IP20
Interfaces
Fieldbus system
INTERBUS
Designation
INTERBUS
Connection method
9-pos. D-SUB plug/socket
Designation connection point
Incoming/Outgoing Remote Bus
Number of positions
9
Fieldbus system
Lokalbus
Designation
ST local bus
Connection method
ST local bus connector
Transmission speed
500 kBit/s
Digital inputs
Input name
Digital inputs
Connection method
Screw-cage connection or FLK connectors
3-conductor
Number of inputs
8
Typical response time
≥ 1 ms (typical)
Protective circuit
Overload protection Fuse in header
Input voltage
24 V DC
Input voltage range "0" signal
-30 V DC ... 5 V DC


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn