Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2750798 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part No. 2750798
Description  INTERBUS ST bus terminal modules with additional interfaces (I/O)
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

2750798 Datasheet(HTML) 3 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
https://www.phoenixcontact.com/us/products/2750798
09/08/2014   Page 3 / 6
Bus coupler - IBS ST ZF 24 BK DIO 8/8/3-T - 2750798
Technical data
Digital inputs
Input voltage range "1" signal
13 V DC ... 30 V DC
Nominal input current at UIN
typ. 5 mA (per channel)
Digital outputs
Output name
Digital outputs
Connection method
Screw-cage connection or FLK connectors
3-conductor
Number of outputs
8
Protective circuit
Short-circuit protection Electronic
Maximum output current per channel
500 mA
Maximum output current per module / terminal block
4 A
Maximum output current per group
2 A
Nominal load, lamp
12 W
Nominal load, ohmic
12 W
Power supply for module electronics
Supply voltage
24 V DC
Supply voltage range
18.5 V DC ... 30.5 V DC (including ripple)
Ripple
3.6 Vpp within the allowable voltage range
Current consumption
typ. 150 mA
General
Weight
690 g
Mounting type
DIN rail
Protection class
III, IEC 61140, EN 61140, VDE 0140-1
Test section
Incoming remote bus / Outgoing remote bus 500 V AC 50 Hz 1 min
Incoming remote bus / I/O interface 500 V AC 50 Hz 1 min
Incoming remote bus/ST interface 500 V AC 50 Hz 1 min
Classifications
eCl@ss
eCl@ss 4.0
27250203
eCl@ss 4.1
27250203
eCl@ss 5.0
27250203
eCl@ss 5.1
27242608
eCl@ss 6.0
27242608
eCl@ss 7.0
27242608
eCl@ss 8.0
27242608


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn