Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3125CPWPRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # THS3125CPWPRG4
Description  LOW-NOISE, HIGH-SPEED, 450 mA CURRENT FEEDBACK AMPLIFIERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3125CPWPRG4 Datasheet(HTML) 2 Page - Texas Instruments

  THS3125CPWPRG4 Datasheet HTML 1Page - Texas Instruments THS3125CPWPRG4 Datasheet HTML 2Page - Texas Instruments THS3125CPWPRG4 Datasheet HTML 3Page - Texas Instruments THS3125CPWPRG4 Datasheet HTML 4Page - Texas Instruments THS3125CPWPRG4 Datasheet HTML 5Page - Texas Instruments THS3125CPWPRG4 Datasheet HTML 6Page - Texas Instruments THS3125CPWPRG4 Datasheet HTML 7Page - Texas Instruments THS3125CPWPRG4 Datasheet HTML 8Page - Texas Instruments THS3125CPWPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
THS3122
THS3125
SLOS382 − SEPTEMBER 2001
2
www.ti.com
AVAILABLE OPTIONS
PACKAGED DEVICE
EVALUATION
TA
SOIC-8
(D)
SOIC-8 PowerPAD
(DDA)
SOIC-14
(D)
TSSOP-14
(PWP)
EVALUATION
MODULES
0
°C to 70°C
THS3122CD
THS3122CDDA
THS3125CD
THS3125CPWP
THS3122EVM
−40
°C to 85°C
THS3122ID
THS3122IDDA
THS3125ID
THS3125IPWP
THS3122EVM
THS3125EVM
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage, VCC+ to VCC−
33 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage
± VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current (see Note 1)
275 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage
± 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum junction temperature
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total power dissipation at (or below) 25
°C free-air temperature
See Dissipation Ratings Table
. . . . . . . . . . .
Operating free-air temperature, TA: Commercial
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Industrial
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature, Tstg : Commercial
−65
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Industrial
−65
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The THS3122 and THS3125 may incorporate a PowerPAD
 on the underside of the chip. This acts as a heatsink and must be
connected to a thermally dissipating plane for proper power dissipation. Failure to do so may result in exceeding the maximum junction
temperature which could permanently damage the device. See TI Technical Brief SLMA002 for more information about utilizing the
PowerPAD
thermally enhanced package.
DISSIPATION RATING TABLE
PACKAGE
θJA
TA = 25°C
POWER RATING
D-8
95
°C/W‡
1.32 W
DDA
67
°C/W
1.87 W
D-14
66.6
°C/W‡
1.88 W
PWP
37.5
°C/W
3.3 W
‡ This data was taken using the JEDEC proposed high-K test PCB.
For the JEDEC low-K test PCB, the
θJA is168°C/W for the D-8
package and 122.3
°C/W for the D-14 package.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC+ to VCC−
Dual supply
±5
±15
V
Supply voltage, VCC+ to VCC−
Single supply
10
30
V
Operating free-air temperature, TA
C-suffix
0
70
°C
Operating free-air temperature, TA
I-suffix
−40
85
°C
Shutdown pin input levels, relative to the GND pin
High level (device shutdown)
2
V
Shutdown pin input levels, relative to the GND pin
Low level (device active)
0.8
V


Similar Part No. - THS3125CPWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3125CPWP TI1-THS3125CPWP Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Speed, 450-mA Current Feedback Amplifiers
More results

Similar Description - THS3125CPWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3122 TI1-THS3122 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Speed, 450-mA Current Feedback Amplifiers
THS3115CPWP TI1-THS3115CPWP Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
logo
Burr-Brown (TI)
THS3112 BURR-BROWN-THS3112 Datasheet
371Kb / 14P
   LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
Texas Instruments
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3110 TI1-THS3110_14 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI-THS3120 Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_14 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_16 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3001 TI-THS3001 Datasheet
633Kb / 32P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com