Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2742696 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part No. 2742696
Description  Inline digital output terminal block, without accessories, 4 outputs, 12 to 253 V AC, 1 A, 3-wire connection method
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

2742696 Datasheet(HTML) 2 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/us/products/2742696
09/08/2014   Page 2 / 3
Inline terminal - IB IL DO 4 AC-1A - 2742696
Technical data
Interfaces
Designation
Inline local bus
Connection method
Inline data jumper
Transmission speed
500 kBit/s
Digital outputs
Output name
Digital outputs
Connection method
Spring-cage connection
3-conductor
Number of outputs
4
Protective circuit
Overload protection, short-circuit protection of outputs
Maximum output current per channel
1 A
Maximum output current per module
4 A
Power supply for module electronics
Supply voltage
24 V DC (nominal value)
Supply voltage range
19.2 V DC ... 30 V DC
Communications power UL
7.5 V (via voltage jumper)
Current consumption
max. 45 mA (from the local bus)
Power consumption
max. 0.34 W (from the local bus)
General
Weight
130 g
Note on weight specifications
Without plug
Mounting type
DIN rail
Protection class
III, IEC 61140, EN 61140, VDE 0140-1
Test section
5 V supply, incoming remote bus/7.5 V supply (bus logics) 500 V AC 50 Hz
1 min
5 V supply, outgoing remote bus/7.5 V supply (bus logics) 500 V AC 50 Hz
1 min
7.5 V supply (bus logics) / I/O area 2500 V AC 50 Hz 1 min
Routine test 1200 V AC 50 Hz 1 min
I/O area / FE 500 V AC 50 Hz 1 min
Output / Phase 500 V AC 50 Hz 1 min
Inline potentials
Communications power UL
7.5 V DC
Current consumption from UL
max. 45 mA
Main circuit supply UM
230 V AC
Current consumption from UM
max. 4 A AC


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn