Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2742696 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. 2742696
Description  Inline digital output terminal block, without accessories, 4 outputs, 12 to 253 V AC, 1 A, 3-wire connection method
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

2742696 Datasheet(HTML) 1 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/2742696
09/08/2014   Page 1 / 3
Inline terminal - IB IL DO 4 AC-1A - 2742696
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Inline digital output terminal block, without accessories, 4 outputs, 12 to 253 V AC, 1 A, 3-wire connection method
The illustration shows versions IB IL
DO 1 AC and IB IL DO 4 AC-1A
 
 
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
160.4 GRM
Custom tariff number
85389099
Country of origin
Germany
Technical data
Dimensions
Width
48.8 mm
Height
119.8 mm
Depth
71.5 mm
Note on dimensions
Housing dimensions
Ambient conditions
Ambient temperature (operation)
-25 °C ... 55 °C
Ambient temperature (storage/transport)
-25 °C ... 85 °C
Permissible humidity (operation)
75 % ... 85 % (in the range of -25°C ... +55°C, appropriate measures
against increased humidity (> 85%) must be taken.)
Permissible humidity (storage/transport)
75 % ... 85 % (slight temporary condensation may sometimes appear on
the housing)
Air pressure (operation)
70 kPa ... 106 kPa (up to 3000 m above sea level)
Air pressure (storage/transport)
70 kPa ... 106 kPa (up to 3000 m above sea level)
Degree of protection
IP20


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn