Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2742696 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part No. 2742696
Description  Inline digital output terminal block, without accessories, 4 outputs, 12 to 253 V AC, 1 A, 3-wire connection method
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

2742696 Datasheet(HTML) 3 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
https://www.phoenixcontact.com/us/products/2742696
09/08/2014   Page 3 / 3
Inline terminal - IB IL DO 4 AC-1A - 2742696
Classifications
eCl@ss
eCl@ss 4.0
27250302
eCl@ss 4.1
27250302
eCl@ss 5.0
27250302
eCl@ss 5.1
27242604
eCl@ss 6.0
27242604
ETIM
ETIM 2.0
EC001430
ETIM 3.0
EC001599
ETIM 4.0
EC001599
ETIM 5.0
EC001599
UNSPSC
UNSPSC 6.01
43172015
UNSPSC 7.0901
43201404
UNSPSC 11
43172015
UNSPSC 12.01
43201404
UNSPSC 13.2
43201404
Drawings
Connection diagram
1.1
2.1
1.2
1.3
1.4
2.2
2.3
2.4
5
Dimensioned drawing
140,5
119,8
Phoenix Contact 2014 © - all rights reserved
http://www.phoenixcontact.com


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn