Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE988 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE988
Description  Integrated Circuit Positive 3 Terminal Voltage Regulator, 100mA
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE988 Datasheet(HTML) 2 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (0
° ≤ TJ ≤ +125°C, VIN = 12V, IO = 40mA, CIN = 0.33µF,
CO = 0.1µF, Note 1 unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Load Regulation
VR(LOAD) TJ = +25°C
1mA
≤ IO ≤ 100mA
13
80
mV
1mA
≤ IO ≤ 40mA
6
40
mV
Output Voltage (Note 2)
VO
8.5V
≤ VI ≤ 20V
1mA
≤ IO ≤ 40mA
5.9
6.5
V
8.5V
≤ VI ≤ VMax 1mA ≤ IO ≤ 70mA
5.9
6.5
V
Quiescent Current
IQ
2.0
5.5
mA
Quiescent Current Change
With Line
∆IQ
8.0V
≤ VI ≤ 20V
1.5
mA
With Load
1mA
≤ IO ≤ 40mA
0.1
mA
Noise
NO
TA = +25°C, 10Hz ≤ f ≤100kHz
50
µV
Ripple Rejection
∆VI/∆VO f = 120Hz, 10V ≤ VI ≤ 20V, TJ = +25°C 40
46
dB
Dropout Voltage
VDO
TJ = +25°C
1.7
V
Peak Output/Output
Short Circuit Current
Ipk/IOS
TJ = +25°C
140
mA
Average Temperature
Coefficient of Output
Voltage
∆VO/∆T IO = 5mA
–0.75
mV/
°C
Note 1. The maximum steady state usable output current and input voltage are very dependent on
the heat sinking and/or lead length of the package. The data above represents pulse test
conditions with junction temperatures as indicated at the initiation of the tests.
Note 2. Power Dissipation
≤ 0.75W.
.021 (.445) Dia Max
GND
Seating Plane
.135 (3.45) Min
.100 (2.54)
.050 (1.27)
.105 (2.67) Max
.105 (2.67) Max
.205 (5.2) Max
.210
(5.33)
Max
.500
(12.7)
Min
.165
(4.2)
Max
VIN
VOUT


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn