Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3122CDRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # THS3122CDRG4
Description  LOW-NOISE, HIGH-SPEED, 450 mA CURRENT FEEDBACK AMPLIFIERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3122CDRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS3122CDRG4 Datasheet HTML 5Page - Texas Instruments THS3122CDRG4 Datasheet HTML 6Page - Texas Instruments THS3122CDRG4 Datasheet HTML 7Page - Texas Instruments THS3122CDRG4 Datasheet HTML 8Page - Texas Instruments THS3122CDRG4 Datasheet HTML 9Page - Texas Instruments THS3122CDRG4 Datasheet HTML 10Page - Texas Instruments THS3122CDRG4 Datasheet HTML 11Page - Texas Instruments THS3122CDRG4 Datasheet HTML 12Page - Texas Instruments THS3122CDRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
THS3122
THS3125
SLOS382 − SEPTEMBER 2001
9
www.ti.com
TYPICAL CHARACTERISTICS
Figure 28
0
2
4
6
8
10
12
0
2.5
5
7.5
10
12.5
15
QUIESCENT CURRENT
vs
SUPPLY VOLTAGE
VCC − Supply Voltage − ±V
25
°C
−40
°C
85
°C
Figure 29
0
50
100
150
200
250
300
350
400
450
−40
−15
10
35
60
85
TA − Free-Air Temperature − °C
SHUTDOWN SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
VCC = ±15 V
VCC = ±5 V
VSD = 3.3 V
RF = 750 Ω
Figure 30
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
12
34
5
678
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
75
Ω Serially Terminated Loads
DIFFERENTIAL PHASE AND GAIN ERROR
vs
75
Ω SERIALLY TERMINATED LOADS
VCC = ±5 V,
G = 2,
40 IRE Modulation
±100 IRE Ramp
NTSC
Gain Error
Phase Error
Figure 31
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
1
2
34
56
7
8
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
75
Ω Serially Terminated Loads
DIFFERENTIAL PHASE AND GAIN ERROR
vs
75
Ω SERIALLY TERMINATED LOADS
VCC = ±15 V,
G = 2,
40 IRE Modulation
±100 IRE Ramp
NTSC
Gain Error
Phase Error
0
1
2
3
4
5
01
23
45
67
89
10
0
0.5
1
1.5
2
t − Time −
µs
THS3125
SHUTDOWN RESPONSE
Figure 32
VCC = ±15 V
G = 8
RF = 330 Ω
RL = 100 Ω
Figure 33
−0.3
−0.2
−0.1
0
0.1
0.2
0.3
0
100
200
300
400
500
600
t − Time − ns
SMALL SIGNAL PULSE RESPONSE
VCC = ±5 V,
G = 2,
RF = 470 Ω,
RL = 50 Ω
Figure 34
−0.3
−0.2
−0.1
0
0.1
0.2
0.3
0
100
200
300
400
500
600
t − Time − ns
SMALL SIGNAL PULSE RESPONSE
VCC = ±15 V,
G = 2,
RF = 470 Ω,
RL = 50 Ω


Similar Part No. - THS3122CDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3122CD TI1-THS3122CD Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Speed, 450-mA Current Feedback Amplifiers
THS3122CDDA TI1-THS3122CDDA Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Speed, 450-mA Current Feedback Amplifiers
THS3122CDDAG3 TI1-THS3122CDDAG3 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Speed, 450-mA Current Feedback Amplifiers
More results

Similar Description - THS3122CDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3122 TI1-THS3122 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Speed, 450-mA Current Feedback Amplifiers
THS3115CPWP TI1-THS3115CPWP Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
logo
Burr-Brown (TI)
THS3112 BURR-BROWN-THS3112 Datasheet
371Kb / 14P
   LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
Texas Instruments
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3110 TI1-THS3110_14 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI-THS3120 Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_14 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_16 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3001 TI-THS3001 Datasheet
633Kb / 32P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com