Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3122CDDAR Datasheet(PDF) 8 Page - Texas Instruments

Part # THS3122CDDAR
Description  LOW-NOISE, HIGH-SPEED, 450 mA CURRENT FEEDBACK AMPLIFIERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3122CDDAR Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS3122CDDAR Datasheet HTML 4Page - Texas Instruments THS3122CDDAR Datasheet HTML 5Page - Texas Instruments THS3122CDDAR Datasheet HTML 6Page - Texas Instruments THS3122CDDAR Datasheet HTML 7Page - Texas Instruments THS3122CDDAR Datasheet HTML 8Page - Texas Instruments THS3122CDDAR Datasheet HTML 9Page - Texas Instruments THS3122CDDAR Datasheet HTML 10Page - Texas Instruments THS3122CDDAR Datasheet HTML 11Page - Texas Instruments THS3122CDDAR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
THS3122
THS3125
SLOS382 − SEPTEMBER 2001
8
www.ti.com
TYPICAL CHARACTERISTICS
Figure 19
0
10
20
30
40
50
60
70
80
0.1
1
10
100
1000
G = 2,
RF = 470 Ω,
RL = 50 Ω,
TA = 25°C
f − Frequency − MHz
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
VCC = ±15 V
VCC = ±5 V
Figure 20
−80
−70
−60
−50
−40
−30
−20
−10
0
0.1
1
10
100
1000
G = 2,
VCC = ±5 V, ±15 V
RF = 470 Ω,
RL = 50 Ω,
f − Frequency − MHz
CROSSTALK
vs
FREQUENCY
Figure 21
0.01
0.1
1
10
100
0.1
1
10
100
1000
VCC = ±5 V, ±15 V
RF = 1 kΩ,
f − Frequency − MHz
OUTPUT IMPEDANCE
vs
FREQUENCY
Figure 22
0
200
400
600
800
1000
1200
1400
1600
1800
0
12345
67
89
G = 2,
RF = 470 Ω,
RL = 50 Ω,
TA = 25°C
VO − Output Voltage Step − V
SLEW RATE
vs
OUTPUT VOLTAGE STEP
VCC = ±15 V
VCC = ±5 V
10
Figure 23
7
6
5
4
3
2
1
0
−40
−15
10
35
60
85
TA − Free-Air Temperature − °C
INPUT OFFSET VOLTAGE
vs
FREE-AIR TEMPERATURE
VCC = ±15 V,
VCM = 0 V,
RL = 100 Ω
Figure 24
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
−15
−10
−5
0
5
10
15
VCM − Common-Mode Input Voltage − V
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
VCC = ±15 V,
RL = 100 Ω,
TA = 25°C
−2
0
2
4
6
8
10
12
−40
−15
10
35
60
85
TA − Free-Air Temperature − °C
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
Figure 25
VCC = ±15 V, IIB+
VCC = ±15 V, IIB−
VCC = ±5 V, IIB+
VCC = ±5 V, IIB−
Figure 26
10
11
12
13
14
15
0
50 100 150 200 250 300 350 400 450
IL − Load Current − mA
OUTPUT VOLTAGE
vs
LOAD CURRENT
VCC = ±15 V,
RF = 330 Ω,
TA = 25°C
Figure 27
0
2
4
6
8
10
12
−40
−15
10
35
60
85
QUIESCENT CURRENT
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
VCC = ±15 V
VCC = ±5 V


Similar Part No. - THS3122CDDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3122CDDA TI1-THS3122CDDA Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Speed, 450-mA Current Feedback Amplifiers
THS3122CDDAG3 TI1-THS3122CDDAG3 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Speed, 450-mA Current Feedback Amplifiers
More results

Similar Description - THS3122CDDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3122 TI1-THS3122 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Speed, 450-mA Current Feedback Amplifiers
THS3115CPWP TI1-THS3115CPWP Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
logo
Burr-Brown (TI)
THS3112 BURR-BROWN-THS3112 Datasheet
371Kb / 14P
   LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
Texas Instruments
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3110 TI1-THS3110_14 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI-THS3120 Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_14 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_16 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3001 TI-THS3001 Datasheet
633Kb / 32P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com