Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3122EVM Datasheet(PDF) 3 Page - Texas Instruments

Part # THS3122EVM
Description  LOW-NOISE, HIGH-SPEED, 450 mA CURRENT FEEDBACK AMPLIFIERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3122EVM Datasheet(HTML) 3 Page - Texas Instruments

  THS3122EVM Datasheet HTML 1Page - Texas Instruments THS3122EVM Datasheet HTML 2Page - Texas Instruments THS3122EVM Datasheet HTML 3Page - Texas Instruments THS3122EVM Datasheet HTML 4Page - Texas Instruments THS3122EVM Datasheet HTML 5Page - Texas Instruments THS3122EVM Datasheet HTML 6Page - Texas Instruments THS3122EVM Datasheet HTML 7Page - Texas Instruments THS3122EVM Datasheet HTML 8Page - Texas Instruments THS3122EVM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
THS3122
THS3125
SLOS382 − SEPTEMBER 2001
3
www.ti.com
electrical characteristics over recommended operating free-air temperature range, TA = 25°C,
VCC = ±15 V, RF= 750 Ω, RL = 100 Ω (unless otherwise noted)
dynamic performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL = 50 Ω
RF = 50 Ω,
G = 1
VCC = ± 5 V
138
Small-signal bandwidth (− 3 dB)
RL = 50 Ω
RF = 50 Ω,
G = 1
VCC = ±15 V
160
Small-signal bandwidth (− 3 dB)
RL = 50 Ω
RF =470 Ω,
G = 2
VCC = ± 5 V
126
MHz
BW
RL = 50 Ω
RF =470 Ω,
G = 2
VCC = ±15 V
128
MHz
BW
Bandwidth (0.1 dB)
RF = 470 Ω,
G = 2
VCC = ± 5 V
20
Bandwidth (0.1 dB)
RF = 470 Ω,
G = 2
VCC = ±15 V
30
Full power bandwidth
G = −1
VO(PP) = 4 V
VCC = ±5 V
47
MHz
Full power bandwidth
G = −1
VO(pp) = 20 V
VCC = ±15 V
64
MHz
G = 2
VO = 10 VPP
VCC = ±15 V
1550
SR
Slew rate (see Note 2), G=8
G = 2
RF = 680 Ω
VO = 5 VPP
VCC = ±5 V
500
V/
µs
SR
Slew rate (see Note 2), G=8
RF = 680 Ω
VO = 5 VPP
VCC = ±15 V
1000
V/
µs
ts
Settling time to 0.1%
G = −1
VO = 2 VPP
VCC = ±5 V
53
ns
ts
Settling time to 0.1%
G = −1
VO = 5 VPP
VCC = ±15 V
64
ns
NOTE 2: Slew rate is defined from the 25% to the 75% output levels.
noise/distortion performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
G = 2,
RF = 470 Ω,
V
= 15 V, f = 1 MHz
VO(PP) = 2 V
−80
THD
Total harmonic distortion
G = 2,
RF = 470 Ω,
VCC = ±15 V, f = 1 MHz
VO(PP) = 8 V
−75
dBc
THD
Total harmonic distortion
G = 2,
RF = 470 Ω,
V
= 5 V,
f = 1 MHz
VO(PP) = 2 V
−77
dBc
G = 2,
RF = 470 Ω,
VCC = ±5 V,
f = 1 MHz
VO(PP) = 5 V
−76
Vn
Input voltage noise
VCC = ±5 V, ±15 V
f = 10 kHz
2.2
nV/
√Hz
In
Input current noise
Noninverting Input
VCC = ±5 V, ±15 V
f = 10 kHz
2.9
pA/
√Hz
In
Input current noise
Inverting Input
VCC = ±5 V, ±15 V
f = 10 kHz
10.8
pA/
√Hz
Crosstalk
G = 2,
f = 1 MHz,
VCC = ±5 V
−67
dBc
Crosstalk
G = 2,
f = 1 MHz,
VO = 2 VPP
VCC = ±15 V
−67
dBc
Differential gain error
G = 2,
RL = 150 Ω
VCC = ±5 V
0.01%
Differential gain error
G = 2,
RL = 150 Ω
40 IRE modulation
VCC = ±15 V
0.01%
Differential phase error
40 IRE modulation
±100 IRE Ramp
NTSC and PAL
VCC = ±5 V
0.011
°
Differential phase error
100 IRE Ramp
NTSC and PAL
VCC = ±15 V
0.011
°


Similar Part No. - THS3122EVM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3122 TI1-THS3122 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Speed, 450-mA Current Feedback Amplifiers
THS3122 TI1-THS3122 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
THS3122 TI1-THS3122 Datasheet
1Mb / 37P
[Old version datasheet]   2-GHz, LOW DISTORTION, DUAL CURRENT-FEEDBACK AMPLIFIERS
THS3122CD TI1-THS3122CD Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Speed, 450-mA Current Feedback Amplifiers
THS3122CDDA TI1-THS3122CDDA Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Speed, 450-mA Current Feedback Amplifiers
More results

Similar Description - THS3122EVM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3122 TI1-THS3122 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Speed, 450-mA Current Feedback Amplifiers
THS3115CPWP TI1-THS3115CPWP Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
logo
Burr-Brown (TI)
THS3112 BURR-BROWN-THS3112 Datasheet
371Kb / 14P
   LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
Texas Instruments
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3110 TI1-THS3110_14 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI-THS3120 Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_14 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_16 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3001 TI-THS3001 Datasheet
633Kb / 32P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com