Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD5934 Datasheet(PDF) 26 Page - Analog Devices

Part No. AD5934
Description  Impedance Converter, Network Analyzer
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

AD5934 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD5934_17 Datasheet HTML 22Page - Analog Devices AD5934_17 Datasheet HTML 23Page - Analog Devices AD5934_17 Datasheet HTML 24Page - Analog Devices AD5934_17 Datasheet HTML 25Page - Analog Devices AD5934_17 Datasheet HTML 26Page - Analog Devices AD5934_17 Datasheet HTML 27Page - Analog Devices AD5934_17 Datasheet HTML 28Page - Analog Devices AD5934_17 Datasheet HTML 29Page - Analog Devices AD5934_17 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
AD5934
Data Sheet
Rev. E | Page 26 of 31
READ OPERATIONS
The AD5934 uses two I2C read protocols: the receive byte and
the block read.
Receive Byte
In the AD5934, the receive byte protocol is used to read a single
byte of data from a register address whose address has previously
been set by setting the address pointer.
In this operation, the master device receives a single byte from a
slave device as follows (see Figure 29):
1.
The master device asserts a start condition on SDA.
2.
The master sends the 7-bit slave address followed by the
read bit (high).
3.
The addressed slave device asserts an acknowledge on SDA.
4.
The master receives a data byte.
5.
The master asserts a no acknowledge on SDA (the slave
needs to check that master has received data).
6.
The master asserts a stop condition on SDA and the
transaction ends.
SR
A
A
P
SLAVE
ADDRESS
REGISTER
DATA
Figure 29. Reading Register Data
Block Read
In this operation, the master device reads a block of data from a
slave device (see Figure 30). The start address for a block read
must previously have been set by setting the address pointer.
1.
The master device asserts a start condition on SDA.
2.
The master sends the 7-bit slave address followed by the
write bit (low).
3.
The addressed slave device asserts an acknowledge on SDA.
4.
The master sends a command code (1010 0001) that tells
the slave device to expect a block read.
5.
The slave asserts an acknowledge on SDA.
6.
The master sends a byte-count data byte that tells the slave
how many data bytes to expect.
7.
The slave asserts an acknowledge on SDA.
8.
The master asserts a repeat start condition on SDA. This is
required to set the read bit high.
9.
The master sends the 7-bit slave address followed by the
read bit (high).
10. The slave asserts an acknowledge on SDA.
11. The master receives the data bytes.
12. The master asserts an acknowledge on SDA after each
data byte.
13. A no acknowledge is generated after the last byte to signal
the end of the read.
14. The master asserts a stop condition on SDA to end the
transaction.
NUMBER
BYTES READ
S
SLAVE
ADDRESS
WA
BLOCK
READ
AA
S
SLAVE
ADDRESS
R
A
BYTE 0
A
BYTE 1
A
BYTE 2
A
P
Figure 30. Performing a Block Read


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn