Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD5934 Datasheet(PDF) 25 Page - Analog Devices

Part No. AD5934
Description  Impedance Converter, Network Analyzer
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

AD5934 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD5934_17 Datasheet HTML 21Page - Analog Devices AD5934_17 Datasheet HTML 22Page - Analog Devices AD5934_17 Datasheet HTML 23Page - Analog Devices AD5934_17 Datasheet HTML 24Page - Analog Devices AD5934_17 Datasheet HTML 25Page - Analog Devices AD5934_17 Datasheet HTML 26Page - Analog Devices AD5934_17 Datasheet HTML 27Page - Analog Devices AD5934_17 Datasheet HTML 28Page - Analog Devices AD5934_17 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
Data Sheet
AD5934
Rev. E | Page 25 of 31
WRITING/READING TO THE AD5934
The I2C interface specification defines several different protocols
for different types of read and write operations. This section
describes the protocols used in the AD5934. The figures in this
section use the abbreviations shown in Table 14.
Table 14. I2C Abbreviation Table
Abbreviation
Condition
S
Start
P
Stop
R
Read
W
Write
A
Acknowledge
A
No acknowledge write byte/command byte
User Command Codes
The command codes in Table 15 are used for reading/writing to
the interface. They are explained in detail in this section but are
grouped within Table 15 for easy reference.
Table 15. Command Codes
Command
Code
Code
Name
Code Description
1010 0000
Block
Write
This command is used when writing
multiple bytes to the RAM; see the
Block Write section.
1010 0001
Block
Read
This command is used when reading
multiple bytes from RAM/memory; see
the Block Read section.
1011 0000
Address
Pointer
This command enables the user to set
the address pointer to any location in
the memory; the data contains the
address of the register to which the
pointer should be pointing.
Write Byte/Command Byte
In this operation, the master device sends a byte of data to the
slave device. The write byte can either be a data byte write to a
Register Address or it can be a command operation. To write data
to a register, the command sequence is as follows (see Figure 26):
1. The master device asserts a start condition on SDA.
2. The master sends the 7-bit slave address followed by the
write bit (low).
3. The addressed slave device asserts an acknowledge on SDA.
4. The master sends a register address.
5. The slave asserts an acknowledge on SDA.
6. The master sends a data byte.
7. The slave asserts an acknowledge on SDA.
8. The master asserts a stop condition on SDA to end the
transaction.
S
SLAVE
ADDRESS
REGISTER
ADDRESS
REGISTER
DATA
A
W
A
A
P
Figure 26. Writing Register Data to Register Address
In the AD5934, the write byte protocol is also used to set a
pointer to a register address (see Figure 27). This protocol is
used for a subsequent single-byte read from the same address,
block read, or block write starting at that address.
To set a register pointer, the following sequence is applied:
1. The master device asserts a start condition on SDA.
2. The master sends the 7-bit slave address followed by the
write bit (low).
3. The addressed slave device asserts an acknowledge on SDA.
4. The master sends a pointer command code (see Table 15, an
address pointer = 1011 0000).
5. The slave asserts an acknowledge on SDA.
6. The master sends a data byte (a register address to where
the pointer is to point).
7. The slave asserts an acknowledge on SDA.
8. The master asserts a stop condition on SDA to end the
transaction.
SA
WA
A
P
POINTER
COMMAND
1011 0000
SLAVE
ADDRESS
REGISTER
ADDRESS
TO POINT TO
Figure 27. Setting Address Pointer to Register Address
BLOCK WRITE
In this operation, the master device writes a block of data to a
slave device (see Figure 28). The start address for a block write
must previously have been set. In the case of the AD5934, this is
done by setting a pointer to set the register address.
1. The master device asserts a start condition on SDA.
2. The master sends the 7-bit slave address followed by the
write bit (low).
3. The addressed slave device asserts an acknowledge on SDA.
4. The master sends an 8-bit command code (1010 0000) that
tells the slave device to expect a block write.
5. The slave asserts an acknowledge on SDA.
6. The master sends a data byte that tells the slave device the
number of data bytes to be sent to it.
7. The slave asserts an acknowledge on SDA.
8. The master sends the data bytes.
9. The slave asserts an acknowledge on SDA after each data byte.
10. The master asserts a stop condition on SDA to end the
transaction.
AA
A
A
A
SW
A
P
SLAVE
ADDRESS
BLOCK
WRITE
NUMBER
BYTES WRITE
BYTE 0
BYTE 1
BYTE 2
Figure 28. Writing a Block Write


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn