Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD5934 Datasheet(PDF) 11 Page - Analog Devices

Part No. AD5934
Description  Impedance Converter, Network Analyzer
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

AD5934 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5934_17 Datasheet HTML 7Page - Analog Devices AD5934_17 Datasheet HTML 8Page - Analog Devices AD5934_17 Datasheet HTML 9Page - Analog Devices AD5934_17 Datasheet HTML 10Page - Analog Devices AD5934_17 Datasheet HTML 11Page - Analog Devices AD5934_17 Datasheet HTML 12Page - Analog Devices AD5934_17 Datasheet HTML 13Page - Analog Devices AD5934_17 Datasheet HTML 14Page - Analog Devices AD5934_17 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Data Sheet
AD5934
Rev. E | Page 11 of 31
TERMINOLOGY
Total System Accuracy
The AD5934 can accurately measure a range of impedance
values to less than 0.5% of the correct impedance value for
supply voltages between 2.7 V to 5.5 V.
Spurious-Free Dynamic Range (SFDR)
Along with the frequency of interest, harmonics of the fundamental
frequency and images of these frequencies are present at the
output of a DDS device. The spurious-free dynamic range refers
to the largest spur or harmonic present in the band of interest.
The wideband SFDR gives the magnitude of the largest harmonic
or spur relative to the magnitude of the fundamental frequency
in the 0 Hz to Nyquist bandwidth. The narrow-band SFDR
gives the attenuation of the largest spur or harmonic in a
bandwidth of ±200 kHz, about the fundamental frequency.
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the rms value of the measured output signal
to the rms sum of all other spectral components below the
Nyquist frequency. The value for SNR is expressed in decibels.
Total Harmonic Distortion (THD)
THD is the ratio of the rms sum of harmonics to the fundamental,
where V1 is the rms amplitude of the fundamental, and V2, V3,
V4, V5, and V6 are the rms amplitudes of the second through the
sixth harmonics. THD is defined as
V1
V6
V5
V4
V3
V2
THD
2
2
2
2
2
log
20
)
dB
(
+
+
+
+
=


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn