Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD5934 Datasheet(PDF) 10 Page - Analog Devices

Part No. AD5934
Description  Impedance Converter, Network Analyzer
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

AD5934 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5934_17 Datasheet HTML 6Page - Analog Devices AD5934_17 Datasheet HTML 7Page - Analog Devices AD5934_17 Datasheet HTML 8Page - Analog Devices AD5934_17 Datasheet HTML 9Page - Analog Devices AD5934_17 Datasheet HTML 10Page - Analog Devices AD5934_17 Datasheet HTML 11Page - Analog Devices AD5934_17 Datasheet HTML 12Page - Analog Devices AD5934_17 Datasheet HTML 13Page - Analog Devices AD5934_17 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
AD5934
Data Sheet
Rev. E | Page 10 of 31
VOLTAGE (V)
0.192
0.194
0.196
0.198
0.200
0.202
0.204
0.206
MEAN = 0.1982
SIGMA = 0.0008
30
0
25
20
15
10
5
Figure 10. Range 4 Output Excitation Voltage Distribution, VDD = 3.3 V
0.160
0.205
VOLTAGE (V)
0.165 0.170 0.175 0.180 0.185 0.190 0.195 0.200
MEAN = 0.1792
SIGMA = 0.0024
30
0
25
20
15
10
5
Figure 11. Range 4 DC Bias Distribution, VDD = 3.3 V
15.8
10.8
0
18
MCLK FREQUENCY (MHz)
15.3
14.8
14.3
13.8
13.3
12.8
12.3
11.8
11.3
AVDD1, AVDD2, DVDD CONNECTED TOGETHER
OUTPUT EXCITATION FREQUENCY = 30kHz
RFB, ZCALIBRATION = 100kΩ
2
4
6
8
10
12
14
16
Figure 12. Typical Supply Current (IDD) vs. MCLK Frequency
0.4
–1.0
0
400
PHASE (Degrees)
0.2
0
–0.2
–0.4
–0.6
–0.8
50
100
150
200
250
300
350
VDD = 3.3V
TA = 25°C
f = 32kHz
Figure 13. Typical Phase Error


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn