Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD5934 Datasheet(PDF) 8 Page - Analog Devices

Part No. AD5934
Description  Impedance Converter, Network Analyzer
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

AD5934 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5934_17 Datasheet HTML 4Page - Analog Devices AD5934_17 Datasheet HTML 5Page - Analog Devices AD5934_17 Datasheet HTML 6Page - Analog Devices AD5934_17 Datasheet HTML 7Page - Analog Devices AD5934_17 Datasheet HTML 8Page - Analog Devices AD5934_17 Datasheet HTML 9Page - Analog Devices AD5934_17 Datasheet HTML 10Page - Analog Devices AD5934_17 Datasheet HTML 11Page - Analog Devices AD5934_17 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
AD5934
Data Sheet
Rev. E | Page 8 of 31
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC
1
NC
2
NC
3
RFB
4
SCL
16
SDA
15
AGND2
14
AGND1
13
VIN
5
VOUT
6
NC
7
DGND
12
AVDD2
11
AVDD1
10
MCLK
NOTES:
1. IT IS RECOMMENDED TO TIE ALL SUPPLY
CONNECTIONS (PIN 9, PIN 10, AND PIN 11)
AND RUN FROM A SINGLE SUPPLY BETWEEN
2.7V AND 5.5V.
2. IT IS ALSO RECOMMENDED TO
CONNECT ALL GROUND SIGNALS TOGETHER
(PIN 12, PIN 13, AND PIN 14).
8
DVDD
9
NC = NO CONNECT
AD5934
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1 to 3, 7
NC
No Connect. Do not connect to this pin.
4
RFB
External Feedback Resistor. Connect from Pin 4 to Pin 5. This pin sets the gain of the current-to-voltage amplifier
on the receive side.
5
VIN
Input to Receive Transimpedance Amplifier. VIN presents a virtual earth voltage of VDD/2.
6
VOUT
Excitation Voltage Signal Output.
8
MCLK
The master clock for the system is supplied by the user.
9
DVDD
Digital Supply Voltage.
10
AVDD1
Analog Supply Voltage 1. Used for powering the analog core.
11
AVDD2
Analog Supply Voltage 2. Used for internal references.
12
DGND
Digital Ground.
13
AGND1
Analog Ground 1.
14
AGND2
Analog Ground 2.
15
SDA
I2C® Data Input.
16
SCL
I2C Clock Input.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn