Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD5934 Datasheet(PDF) 31 Page - Analog Devices

Part No. AD5934
Description  Impedance Converter, Network Analyzer
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

AD5934 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD5934_17 Datasheet HTML 23Page - Analog Devices AD5934_17 Datasheet HTML 24Page - Analog Devices AD5934_17 Datasheet HTML 25Page - Analog Devices AD5934_17 Datasheet HTML 26Page - Analog Devices AD5934_17 Datasheet HTML 27Page - Analog Devices AD5934_17 Datasheet HTML 28Page - Analog Devices AD5934_17 Datasheet HTML 29Page - Analog Devices AD5934_17 Datasheet HTML 30Page - Analog Devices AD5934_17 Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 31 page
background image
Data Sheet
AD5934
Rev. E | Page 31 of 31
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-150-AC
16
9
8
1
6.50
6.20
5.90
8.20
7.80
7.40
5.60
5.30
5.00
SEATING
PLANE
0.05 MIN
0.65 BSC
2.00 MAX
0.38
0.22
COPLANARITY
0.10
1.85
1.75
1.65
0.25
0.09
0.95
0.75
0.55
Figure 34. 16-Lead Shrink Small Outline Package [SSOP]
(RS-16)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD5934YRSZ
−40°C to +125°C
16-Lead Shrink Small Outline Package (SSOP)
RS-16
AD5934YRSZ-REEL7
−40°C to +125°C
16-Lead Shrink Small Outline Package (SSOP)
RS-16
1
Z = RoHS Compliant Part.
Purchase of licensed I2C components of Analog Devices or one of its sublicensed Associated Companies conveys a license for the purchaser under the Philips I2C Patent
Rights to use these components in an I2C system, provided that the system conforms to the I2C Standard Specification as defined by Philips.
©2005–2017 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D05325-0-9/17(E)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn