Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5933 Datasheet(PDF) 29 Page - Analog Devices

Part # AD5933
Description  1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5933 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD5933 Datasheet HTML 25Page - Analog Devices AD5933 Datasheet HTML 26Page - Analog Devices AD5933 Datasheet HTML 27Page - Analog Devices AD5933 Datasheet HTML 28Page - Analog Devices AD5933 Datasheet HTML 29Page - Analog Devices AD5933 Datasheet HTML 30Page - Analog Devices AD5933 Datasheet HTML 31Page - Analog Devices AD5933 Datasheet HTML 32Page - Analog Devices AD5933 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
Data Sheet
AD5933
Rev. F | Page 29 of 40
READ OPERATIONS
The AD5933 uses two I2C read protocols: receive byte and
block read.
Receive Byte
In the AD5933, the receive byte protocol is used to read a single
byte of data from a register address whose address has previously
been set by setting the address pointer.
In this operation, the master device receives a single byte from a
slave device as follows (see Figure 33):
1.
The master device asserts a start condition on SDA.
2.
The master sends the 7-bit slave address followed by the
read bit (high).
3.
The addressed slave device asserts an acknowledge on SDA.
4.
The master receives a data byte.
5.
The master asserts a no acknowledge on SDA (the slave
needs to check that master has received data).
6.
The master asserts a stop condition on SDA and the
transaction ends.
SR
A
A
P
SLAVE
ADDRESS
REGISTER
DATA
Figure 33. Reading Register Data
Block Read
In this operation, the master device reads a block of data from a
slave device (see Figure 34). The start address for a block read
must previously have been set by setting the address pointer.
1.
The master device asserts a start condition on SDA.
2.
The master sends the 7-bit slave address followed by the
write bit (low).
3.
The addressed slave device asserts an acknowledge on SDA.
4.
The master sends a command code (1010 0001) that tells
the slave device to expect a block read.
5.
The slave asserts an acknowledge on SDA.
6.
The master sends a byte-count data byte that tells the slave
how many data bytes to expect.
7.
The slave asserts an acknowledge on SDA.
8.
The master asserts a repeat start condition on SDA. This is
required to set the read bit high.
9.
The master sends the 7-bit slave address followed by the
read bit (high).
10. The slave asserts an acknowledge on SDA.
11. The master receives the data bytes.
12. The master asserts an acknowledge on SDA after each
data byte.
13. A no acknowledge is generated after the last byte to signal
the end of the read.
14. The master asserts a stop condition on SDA to end the
transaction.
NUMBER
BYTES READ
S
SLAVE
ADDRESS
WA
BLOCK
READ
AA
S
SLAVE
ADDRESS
R
A
BYTE 0
A
BYTE 1
A
BYTE 2
A
P
Figure 34. Performing a Block Read


Similar Part No. - AD5933

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5933 AD-AD5933 Datasheet
553Kb / 20P
   1 MSPS 12-Bit Impedance Converter, Network Analyzer
Rev. PrA
AD5933 AD-AD5933 Datasheet
200Kb / 6P
   High Accuracy Impedance Measurements Using 12-Bit Impedance Converters
REV. A
AD5933 AD-AD5933 Datasheet
592Kb / 40P
   1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
AD5933YRSZ AD-AD5933YRSZ Datasheet
592Kb / 40P
   1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
AD5933YRSZ-REEL7 AD-AD5933YRSZ-REEL7 Datasheet
592Kb / 40P
   1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
More results

Similar Description - AD5933

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5933YRSZ-REEL7 AD-AD5933YRSZ-REEL7 Datasheet
592Kb / 40P
   1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
AD5933 AD-AD5933 Datasheet
553Kb / 20P
   1 MSPS 12-Bit Impedance Converter, Network Analyzer
Rev. PrA
AD5933YRSZ AD-AD5933YRSZ Datasheet
592Kb / 40P
   1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
EVAL-AD5933EB AD-EVAL-AD5933EB Datasheet
592Kb / 40P
   1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
EVAL-AD5933EBZ AD-EVAL-AD5933EBZ Datasheet
1Mb / 32P
   Evaluation Board for the 1 MSPS 12-Bit Impedance Converter Network Analyzer
Rev. PrC
AD5934 AD-AD5934_15 Datasheet
468Kb / 32P
   250 kSPS, 12-Bit Impedance Converter, Network Analyzer
REV. C
AD5934 AD-AD5934 Datasheet
513Kb / 32P
   250 kSPS, 12-Bit Impedance Converter, Network Analyzer
REV. 0
AD5934 AD-AD5934_17 Datasheet
579Kb / 31P
   Impedance Converter, Network Analyzer
logo
Agilent(Hewlett-Packard...
4395A HP-4395A Datasheet
417Kb / 20P
   Network/Spectrum/Impedance Analyzer
logo
Analog Devices
AD7495ARZ AD-AD7495ARZ Datasheet
453Kb / 24P
   1 MSPS,12-Bit ADCs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com