Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD5932 Datasheet(PDF) 12 Page - Analog Devices

Part No. AD5932
Description  Programmable Frequency Scan Waveform Generator
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

AD5932 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5932 Datasheet HTML 8Page - Analog Devices AD5932 Datasheet HTML 9Page - Analog Devices AD5932 Datasheet HTML 10Page - Analog Devices AD5932 Datasheet HTML 11Page - Analog Devices AD5932 Datasheet HTML 12Page - Analog Devices AD5932 Datasheet HTML 13Page - Analog Devices AD5932 Datasheet HTML 14Page - Analog Devices AD5932 Datasheet HTML 15Page - Analog Devices AD5932 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD5932
Data Sheet
Rev. C | Page 12 of 28
FREQUENCY (Hz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
100k
10k
1k
100
Figure 20. Output Phase Noise
0
–10
–20
–30
–50
–60
–40
–70
–80
–90
–100
0
100k
VWB 30
RWB 100
ST 100 SEC
FREQUENCY (Hz)
Figure 21. fMCLK = 10 MHz, fOUT = 2.4 kHz,
Frequency Word = 000FBA
0
–10
–20
–30
–50
–60
–40
–70
–80
–90
–100
0
5M
VWB 300
RWB 1K
ST 50 SEC
FREQUENCY (Hz)
Figure 22. fMCLK = 10 MHz, fOUT = 1.43 MHz = fMCLK/7,
Frequency Word = 249249
0
–10
–20
–30
–50
–60
–40
–70
–80
–90
–100
0
5M
VWB 300
RWB 1K
ST 50 SEC
FREQUENCY (Hz)
Figure 23. fMCLK = 10 MHz, fOUT = 3.33 MHz = fMCLK/3,
Frequency Word = 555555
0
–10
–20
–30
–50
–60
–40
–70
–80
–90
–100
0
160k
VWB 30
RWB 100
ST 200 SEC
FREQUENCY (Hz)
Figure 24. fMCLK = 50 MHz, fOUT = 12 kHz,
Frequency Word = 000FBA
0
–10
–20
–30
–50
–60
–40
–70
–80
–90
–100
0
1.6M
VWB 300
RWB 100
ST 200 SEC
FREQUENCY (Hz)
Figure 25. fMCLK = 50 MHz, fOUT = 120 kHz,
Frequency Word = 009D49


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn