Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD5932 Datasheet(PDF) 5 Page - Analog Devices

Part No. AD5932
Description  Programmable Frequency Scan Waveform Generator
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

AD5932 Datasheet(HTML) 5 Page - Analog Devices

  AD5932 Datasheet HTML 1Page - Analog Devices AD5932 Datasheet HTML 2Page - Analog Devices AD5932 Datasheet HTML 3Page - Analog Devices AD5932 Datasheet HTML 4Page - Analog Devices AD5932 Datasheet HTML 5Page - Analog Devices AD5932 Datasheet HTML 6Page - Analog Devices AD5932 Datasheet HTML 7Page - Analog Devices AD5932 Datasheet HTML 8Page - Analog Devices AD5932 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
AD5932
Rev. C | Page 5 of 28
Y Grade1
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Low Power Sleep Mode
Device is reset before putting into standby
20
85
µA
All outputs powered down, MCLK = 0 V,
serial interface active
140
240
µA
All outputs powered down, MCLK active,
serial interface active
1
Operating temperature range is as follows: Y version: −40°C to +125°C; typical specifications are at +25°C.
2
Guaranteed by design, not production tested.
SPECIFICATIONS TEST CIRCUIT
10-BIT
DAC
SIN
ROM
AVDD
REGULATOR
20pF
10nF
COMP
VOUT
AD5932
CAP/2.5V
12
100nF
10nF
Figure 2. Test Circuit Used to Test the Specifications


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn