Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD5932 Datasheet(PDF) 4 Page - Analog Devices

Part No. AD5932
Description  Programmable Frequency Scan Waveform Generator
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

AD5932 Datasheet(HTML) 4 Page - Analog Devices

  AD5932 Datasheet HTML 1Page - Analog Devices AD5932 Datasheet HTML 2Page - Analog Devices AD5932 Datasheet HTML 3Page - Analog Devices AD5932 Datasheet HTML 4Page - Analog Devices AD5932 Datasheet HTML 5Page - Analog Devices AD5932 Datasheet HTML 6Page - Analog Devices AD5932 Datasheet HTML 7Page - Analog Devices AD5932 Datasheet HTML 8Page - Analog Devices AD5932 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD5932
Data Sheet
Rev. C | Page 4 of 28
SPECIFICATIONS
AVDD = DVDD = 2.3 V to 5.5 V; AGND = DGND = 0 V; TA = TMIN to TMAX, unless otherwise noted.
Table 1.
Y Grade1
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SIGNAL DAC SPECIFICATIONS
Resolution
10
Bits
Update Rate
50
MSPS
VOUT Peak-to-Peak
0.58
V
Internal 200 Ω resistor to GND
VOUT Offset
56
mV
From 0 V to the trough of the waveform
VMIDSCALE
0.32
V
Voltage at midscale output
VOUT TC
200
ppm/°C
DC Accuracy
Integral Nonlinearity (INL)
±1.5
LSB
Differential Nonlinearity (DNL)
±0.75
LSB
DDS SPECIFICATIONS
Dynamic Specifications
Signal-to-Noise Ratio
53
60
dB
fMCLK = 50 MHz, fOUT = fMCLK/4096
Total Harmonic Distortion
−60
−53
dBc
fMCLK = 50 MHz, fOUT = fMCLK/4096
Spurious-Free Dynamic Range (SFDR)
Wide Band (0 to Nyquist)
−56
−52
dBc
fMCLK = 50 MHz, fOUT = fMCLK/50
Narrow Band (±200 kHz)
−74
−70
dBc
fMCLK = 50 MHz, fOUT = fMCLK/50
Clock Feedthrough
−50
dBc
Up to 16 MHz out
Wake-Up Time
1.7
ms
From standby
OUTPUT BUFFER
VOUT Peak-to-Peak
0
DVDD
V
Typically, square wave on MSBOUT and SYNCOUT
Output Rise/Fall Time2
12
ns
VOLTAGE REFERENCE
Internal Reference
1.15
1.18
1.26
V
Reference TC2
90
ppm/°C
LOGIC INPUTS2
Input Current
0.1
±2
µA
Input High Voltage, VINH
1.7
V
DVDD = 2.3 V to 2.7 V
2.0
V
DVDD = 2.7 V to 3.6 V
2.8
V
DVDD = 4.5 V to 5.5 V
Input Low Voltage, VINL
0.6
V
DVDD = 2.3 V to 2.7 V
0.7
V
DVDD = 2.7 V to 3.6 V
0.8
V
DVDD = 4.5 V to 5.5 V
Input Capacitance, CIN
3
pF
LOGIC OUTPUTS2
Output High Voltage, VOH
DVDD − 0.4 V
V
ISINK = 1 mA
Output Low Voltage, VOL
0.4
V
ISINK = 1 mA
Floating-State O/P Capacitance
5
pF
POWER REQUIREMENTS
fMCLK = 50 MHz, fOUT = fMCLK/7
AVDD/DVDD
2.3
5.5
V
IAA
3.8
4
mA
IDD
2.4
2.7
mA
IAA + IDD
6.2
6.7
mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn