Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIM4450-4UL Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TIM4450-4UL
Description  MICROWAVE POWER GaAs FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TIM4450-4UL Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TIM4450-4UL Datasheet HTML 1Page - Toshiba Semiconductor TIM4450-4UL Datasheet HTML 2Page - Toshiba Semiconductor TIM4450-4UL Datasheet HTML 3Page - Toshiba Semiconductor TIM4450-4UL Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MICROWAVE POWER GaAs FET
MICROWAVE POWER GaAs FET
MICROWAVE POWER GaAs FET
MICROWAVE POWER GaAs FET
MICROWAVE
MICROWAVE
MICROWAVE
MICROWAVE SEMICONDUCTOR
SEMICONDUCTOR
SEMICONDUCTOR
SEMICONDUCTOR
TIM4450-4UL
TIM4450-4UL
TIM4450-4UL
TIM4450-4UL
TECHNICAL DATA
TECHNICAL DATA
TECHNICAL DATA
TECHNICAL DATA
FEATURES
FEATURES
FEATURES
FEATURES
HIGH POWER
BROAD BAND INTERNALLY MATCHED
P1dB=36.5dBm at 4.4GHz to 5.0GHz
HIGH GAIN
HERMETICALLY SEALED PACKAGE
G1dB=11.0dB at 4.4GHz to 5.0GHz
RF PERFORMANCE SPECIFICATIONS
( Ta= 25
°°°°C )
CHARACTERISTICS
SYMBOL
CONDITION
UNIT MIN. TYP. MAX.
Output Power at 1dB
Compression Point
P1dB
dBm
35.5
36.5
Power Gain at 1dB
Compression Point
G1dB
dB
10.0
11.0
Drain Current
IDS1
A
1.1
1.3
Gain Flatness
∆GdB

±0.6
Power Added Efficiency
ηadd
VDS
= 10V
f = 4.4 – 5.0GHz
%
37
3rd Order Intermodulation
Distortion
IM3
dBc
-44
-47
Drain Current
IDS2
Two Tone Test
Po= 25.5dBm
(Single Carrier Level)
A
1.1
1.3
Channel Temperature Rise
∆Tch
VDS X IDS X Rth(c-c)
°C

80
ELECTRICAL CHARACTERISTICS
( Ta= 25
°°°°C )
CHARACTERISTICS
SYMBOL
CONDITION
UNIT MIN. TYP. MAX.
Transconductance
gm
VDS= 3V
IDS= 1.5A
mS
900
Pinch-off Voltage
VGSoff VDS
= 3V
IDS= 15mA
V
-1.0
-2.5
-4.0
Saturated Drain Current
IDSS
VDS
= 3V
VGS= 0V
A
2.6
3.5
Gate-Source Breakdown
Voltage
VGSO
IGS= -50
µAV
-5

Thermal Resistance
Rth(c-c) Channel to Case
°C/W
4.5
6.0
The information contained herein is presented only as a guide for the applications of our products. No responsibility is
assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may results from its use,
No license is granted by implication or otherwise under any patent or patent rights of TOSHIBA or others.
The information contained herein is subject to change without prior notice. It is therefor advisable to contact TOSHIBA
before proceeding with design of equipment incorporating this product.
Apr. 2000


Similar Part No. - TIM4450-4UL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TIM4450-4UL TOSHIBA-TIM4450-4UL_06 Datasheet
50Kb / 4P
   HIGH POWER P1dB=36.5dBm at 4.4GHz to 5.0GHz
More results

Similar Description - TIM4450-4UL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
S8850A TOSHIBA-S8850A Datasheet
155Kb / 4P
   MICROWAVE POWER GAAS FET
TIM1011-2L TOSHIBA-TIM1011-2L Datasheet
144Kb / 5P
   MICROWAVE POWER GaAs FET
TIM1112-8 TOSHIBA-TIM1112-8 Datasheet
111Kb / 4P
   MICROWAVE POWER GaAs FET
TIM5053-4SL TOSHIBA-TIM5053-4SL Datasheet
384Kb / 4P
   MICROWAVE POWER GaAs FET
TIM5359-16UL TOSHIBA-TIM5359-16UL Datasheet
383Kb / 4P
   MICROWAVE POWER GaAs FET
TIM5359-60SL TOSHIBA-TIM5359-60SL Datasheet
159Kb / 4P
   MICROWAVE POWER GaAs FET
TIM5053-8SL TOSHIBA-TIM5053-8SL Datasheet
144Kb / 4P
   MICROWAVE POWER GaAs FET
TIM1414-4-252 TOSHIBA-TIM1414-4-252 Datasheet
258Kb / 4P
   MICROWAVE POWER GaAs FET
TIM1414-8 TOSHIBA-TIM1414-8 Datasheet
184Kb / 4P
   MICROWAVE POWER GaAs FET
TIM0910-10 TOSHIBA-TIM0910-10 Datasheet
112Kb / 4P
   MICROWAVE POWER GaAs FET
S8851 TOSHIBA-S8851 Datasheet
162Kb / 5P
   MICROWAVE POWER GaAs FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com