Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TH8082 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TH8082
Description  Single LIN Bus Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TH8082 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TH8082 Datasheet HTML 1Page - List of Unclassifed Manufacturers TH8082 Datasheet HTML 2Page - List of Unclassifed Manufacturers TH8082 Datasheet HTML 3Page - List of Unclassifed Manufacturers TH8082 Datasheet HTML 4Page - List of Unclassifed Manufacturers TH8082 Datasheet HTML 5Page - List of Unclassifed Manufacturers TH8082 Datasheet HTML 6Page - List of Unclassifed Manufacturers TH8082 Datasheet HTML 7Page - List of Unclassifed Manufacturers TH8082 Datasheet HTML 8Page - List of Unclassifed Manufacturers TH8082 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Features and Benefits
TH8082
Single LIN Bus Transceiver
www.melexis.com
Page 1
Data Sheet Rev 1.0 June 2001
Single wire LIN transceiver
Compatible to LIN Protocol Specification, Rev. 1.1
Compatible to ISO9141 functions
Control Output for voltage regulator
Up to 20 kbps bus speed
Low RFI due to slew rate control
Fully integrated receiver filter
Protection against load dump, jump start
Bus terminals proof against short-circuits and transients in the
automotive environment
Very low (25 µA) typical power consumption in sleep mode
Thermal overload and short circuit protection
High impendance Bus pin in case of loss of ground and undervoltage condition
± 4kV ESD protection on bus pin
Ordering Information
Part No.
Temperature Range
Package
TH8082 JDC
-40ºC...125ºC
SOIC8, 150mil
General Description
The TH8082 is a physical layer device for a single wire
data link capable of operating in applications where high
data rate is not required and a lower data rate can
achieve cost reductions in both the physical media com-
ponents and in the microprocessor which use the net-
work. The TH8082 is designed in accordance to the
physical layer definition of the LIN Protocol Specifica-
tion , Rev. 1.2 . The IC furthermore can be used in
ISO9141 systems.
TH8082
1
2
3
4
8
7
6
5
RxD
GND
TxD
EN
INH
VS
BUS
VCC
Pin Diagram
SOIC8NB
Because of the very low current consumption of the
TH8082 in the recessive state it’s particularly suitable for
ECU applications with hard standby current require-
ments.
An advanced sleep mode capability allows
a shutdown of the whole application . The included
wake-up function detects incoming dominant bus
messages and enables the voltage regulator.


Similar Part No. - TH8082

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH8082 MELEXIS-TH8082 Datasheet
648Kb / 26P
   Enhanced SoloLIN Transceiver
TH8082KDC MELEXIS-TH8082KDC Datasheet
648Kb / 26P
   Enhanced SoloLIN Transceiver
More results

Similar Description - TH8082

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9638 STMICROELECTRONICS-L9638 Datasheet
271Kb / 14P
   LIN BUS TRANSCEIVER
logo
ELMOS Semiconductor AG
E910.15 ELMOS-E910.15 Datasheet
105Kb / 1P
   LIN- / K-Bus transceiver
logo
ATMEL Corporation
ATA6623 ATMEL-ATA6623_09 Datasheet
695Kb / 23P
   LIN Bus Transceiver with Integrated Voltage Regulator
ATA6620N ATMEL-ATA6620N Datasheet
418Kb / 20P
   LIN Bus Transceiver with Integrated Voltage Regulator
ATA6620N ATMEL-ATA6620N_09 Datasheet
383Kb / 22P
   LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623 ATMEL-ATA6623 Datasheet
392Kb / 22P
   LIN Bus Transceiver with Integrated Voltage Regulator
logo
ELMOS Semiconductor AG
910.18 ELMOS-910.18 Datasheet
123Kb / 2P
   lin bus transceiver with integrated voltage regulator
logo
ATMEL Corporation
ATA6631 ATMEL-ATA6631_14 Datasheet
961Kb / 26P
   LIN Bus Transceiver with Integrated Voltage Regulator
ATA6620 ATMEL-ATA6620_06 Datasheet
325Kb / 20P
   LIN Bus Transceiver with Integrated Voltage Regulator
logo
Allegro MicroSystems
A8423 ALLEGRO-A8423 Datasheet
368Kb / 8P
   LIN Bus Transceiver with Integrated Voltage Regulator
February 9, 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com