Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK7735 Datasheet(PDF) 39 Page - Asahi Kasei Microsystems

Part # AK7735
Description  Dual DSP with 4chADC 4chDAC 4chSRC
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7735 Datasheet(HTML) 39 Page - Asahi Kasei Microsystems

Back Button AK7735 Datasheet HTML 35Page - Asahi Kasei Microsystems AK7735 Datasheet HTML 36Page - Asahi Kasei Microsystems AK7735 Datasheet HTML 37Page - Asahi Kasei Microsystems AK7735 Datasheet HTML 38Page - Asahi Kasei Microsystems AK7735 Datasheet HTML 39Page - Asahi Kasei Microsystems AK7735 Datasheet HTML 40Page - Asahi Kasei Microsystems AK7735 Datasheet HTML 41Page - Asahi Kasei Microsystems AK7735 Datasheet HTML 42Page - Asahi Kasei Microsystems AK7735 Datasheet HTML 43Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 142 page
background image
[AK7735]
016014707-E-00
2016/12
- 39 -
1-1. XTI Input
When using a crystal oscillator, connect it between XTI pin and XTO pin. Only 11.2896MHz, 12.288MHz,
16.9344MHz and 18.432MHz crystal oscillators are available. When using an external clock, the external
clock must be input to the XTI pin and the XTO pin must be open. The XTI pin should also be open when
not using XTI input.
XTO
XTI
XTO
XTI
External Clock
AK7735
AK7735
External Clock
Figure 13. Using Crystal Oscillator
Figure 14. Using External System Clock
1-2. BICK Input
A stable BICK of single frequency is required when using clock input from BICKx (x=1~3) pin as
reference clock.


Similar Part No. - AK7735

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7735A AKM-AK7735A Datasheet
3Mb / 43P
   Dual DSP with 4chADC 4chDAC 4chSRC
AK7735EQ AKM-AK7735EQ Datasheet
3Mb / 142P
   Dual DSP with 4chADC 4chDAC 4chSRC
More results

Similar Description - AK7735

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7735EQ AKM-AK7735EQ Datasheet
3Mb / 142P
   Dual DSP with 4chADC 4chDAC 4chSRC
AK7735A AKM-AK7735A Datasheet
3Mb / 43P
   Dual DSP with 4chADC 4chDAC 4chSRC
logo
Cirrus Logic
CS4953XX_0911 CIRRUS-CS4953XX_0911 Datasheet
536Kb / 36P
   Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS4953XX CIRRUS-CS4953XX Datasheet
629Kb / 38P
   32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
CS49530X CIRRUS-CS49530X Datasheet
1Mb / 37P
   Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
logo
Analog Devices
ADSP-SC582 AD-ADSP-SC582_V01 Datasheet
3Mb / 173P
   SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
ADSP-SC595 AD-ADSP-SC595 Datasheet
3Mb / 134P
   SHARC Dual-Core DSP with Arm Cortex-A55
Rev. PrD
ADSP-SC570 AD-ADSP-SC570 Datasheet
3Mb / 142P
   SHARC Dual-Core DSP with ARM Cortex-A5
ADSP-21591 AD-ADSP-21591_V01 Datasheet
3Mb / 145P
   SHARC Dual-Core DSP with Arm Cortex-A5
Rev. A
logo
Cirrus Logic
CS4970X4 CIRRUS-CS4970X4_09 Datasheet
579Kb / 34P
   High Definition Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com