Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK7707 Datasheet(PDF) 22 Page - Asahi Kasei Microsystems

Part # AK7707
Description  Multi Core DSP with SRC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7707 Datasheet(HTML) 22 Page - Asahi Kasei Microsystems

Back Button AK7707 Datasheet HTML 18Page - Asahi Kasei Microsystems AK7707 Datasheet HTML 19Page - Asahi Kasei Microsystems AK7707 Datasheet HTML 20Page - Asahi Kasei Microsystems AK7707 Datasheet HTML 21Page - Asahi Kasei Microsystems AK7707 Datasheet HTML 22Page - Asahi Kasei Microsystems AK7707 Datasheet HTML 23Page - Asahi Kasei Microsystems AK7707 Datasheet HTML 24Page - Asahi Kasei Microsystems AK7707 Datasheet HTML 25Page - Asahi Kasei Microsystems AK7707 Datasheet HTML 26Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
[AK7707]
016011589-E-00-PB
2016/11
- 22 -
Serial Data Interface (SDIN1~SDIN8, SDOUT1~SDOUT8)
(Ta =
−40~85ºC; VDD12 = 1.14~1.3V; AVDD = 3.13~3.47V; VDD33 = 3.13~3.47V; TVDD1 = 1.7~3.47V;
TVDD2 = 1.7~3.47V; VSS1~6 = 0V; CL=20pF)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Slave Mode
Delay Time from BICK “↑” to LRCK
(* 26)
tBLRD
10
ns
Delay Time from LRCK to
BICK “↑”
(* 26)
tLRBD
10
ns
Serial Data Input Latch Setup Time
tBSIDS
10
ns
Serial Data Input Latch Hold Time
tBSIDH
5
ns
Delay Time from LRCK to Serial Data Output
(* 27)
tBSOD1
22
ns
Delay Time from BICK
“↓” to Serial Data Output
(* 26, * 28)
tBSOD2
5
30
ns
Master Mode
BICK Frequency
fBCLK
32, 48, 64,128,
256,512
fs
BICK Duty Cycle
50
%
Delay Time from BICK “↓” to LRCK
(* 28)
tMBL
-10
10
ns
Serial Data Input Latch Setup Time
tBSIDS
20
ns
Serial Data Input Latch Hold Time
tBSIDH
10
ns
Delay Time from BICK
“↓” to Serial Data Output
(* 27, * 28)
tBSOD
10
ns
Notes:
* 26. Measured from BICK
“↓” when the BICK polarity is inverted by setting BCKPx bit = “1”.
* 27. Measured from BICK
“↑” when the BICK polarity is inverted by setting BCKPx bit = “1”.
* 28. Set SDOPHx bit to
“1” and the data should be output based on BICK “↑” if BICK is faster than
12.288MHz
such as when using TDM256 mode with 96kHz sampling frequency in slave mode.
SDOPHx bit must be set to
“0” in master mode.


Similar Part No. - AK7707

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7707VQ AKM-AK7707VQ Datasheet
746Kb / 34P
   Multi Core DSP with SRC
More results

Similar Description - AK7707

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7707VQ AKM-AK7707VQ Datasheet
746Kb / 34P
   Multi Core DSP with SRC
AK5806 AKM-AK5806 Datasheet
1Mb / 18P
   Multi Core DSP with SRC
AK7738 AKM-AK7738 Datasheet
1Mb / 42P
   Multi DSP with 5ch ADC 4ch DAC 8ch SRC
AK7738VQ AKM-AK7738VQ Datasheet
1Mb / 42P
   Multi DSP with 5ch ADC 4ch DAC 8ch SRC
AK7736B AKM-AK7736B Datasheet
1Mb / 22P
   Audio/HF DSP with 2Ch SRC
AK7736BVQ AKM-AK7736BVQ Datasheet
1Mb / 22P
   Audio/HF DSP with 2Ch SRC
AK7734 AKM-AK7734 Datasheet
470Kb / 24P
   Audio DSP with 2-Channel ADC/SRC
AK7782 AKM-AK7782 Datasheet
390Kb / 28P
   Dual Audio DSP with 24bit 5ch ADC & SRC
AK7736AVQ AKM-AK7736AVQ Datasheet
784Kb / 21P
   2Ch SRC ?낁뵷 Audio/HF DSP
AK7780 AKM-AK7780 Datasheet
514Kb / 28P
   24bit 5ch ADC & SRC Audio DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com