Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK7707 Datasheet(PDF) 21 Page - Asahi Kasei Microsystems

Part # AK7707
Description  Multi Core DSP with SRC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7707 Datasheet(HTML) 21 Page - Asahi Kasei Microsystems

Back Button AK7707 Datasheet HTML 17Page - Asahi Kasei Microsystems AK7707 Datasheet HTML 18Page - Asahi Kasei Microsystems AK7707 Datasheet HTML 19Page - Asahi Kasei Microsystems AK7707 Datasheet HTML 20Page - Asahi Kasei Microsystems AK7707 Datasheet HTML 21Page - Asahi Kasei Microsystems AK7707 Datasheet HTML 22Page - Asahi Kasei Microsystems AK7707 Datasheet HTML 23Page - Asahi Kasei Microsystems AK7707 Datasheet HTML 24Page - Asahi Kasei Microsystems AK7707 Datasheet HTML 25Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
[AK7707]
016011589-E-00-PB
2016/11
- 21 -
11. Switching Characteristics
System Clock
(Ta = -40~85ºC; VDD12 = 1.14~1.3V; AVDD = 3.13~3.47V; VDD33 = 3.13~3.47V; TVDD1 = 1.7~3.47V;
TVDD2=1.7~3.47V; VSS1~6= 0V; CL= 20pF)
Parameter
Symbol
Min.
Typ.
Max.
Unit
XTI Input Timing
a) X’tal Oscillator
Input Frequency
fXTI
11.2896
24.576
MHz
b) XTI Clock Input
Duty Cycle
40
50
60
%
Input Frequency
fXTI
0.256
24.576
MHz
CLKO Output Timing
Output Frequency
fCLKO
2.048
24.576
MHz
Duty Cycle
dCLKO
50
%
LRCK/BICK Input Timing (Slave Mode)
LRCK Input Timing
Frequency
fs
8
192
kHz
BICK Input Timing
Frequency
(* 24)
fBCLK
0.256
24.576
MHz
Duty Cycle
dBCLK
40
50
60
%
LRCK/BICK Output Timing (PLL Master Mode)
LRCK Output Timing
Frequency
fs
8
192
kHz
Pulse Width High
PCM Mode
Except PCM Mode
tLRCKH
tLRCKH
1/fBCLK
50
s
%
BICK Output Timing
Frequency
(* 24)
fBCLK
0.256
24.576
MHz
Duty
dBCLK
50
%
Note:
* 24. This value must be
“fBCLK ≥ 2 x fs x (input/output data length)”.
Power Down
(Ta =
−40~85ºC; VDD12 = 1.14~1.3V; AVDD = 3.13~3.47V; VDD33 = 3.13~3.47V; TVDD1 =
1.7~3.47V; TVDD2 = 1.7~3.47V; VSS1~6 = 0V )
Parameter
Symbol
Min.
Typ.
Max.
Unit
PDN Pulse Width
(* 25)
tRST
600
ns
Note:
* 25. The PDN pin must be
“L” when power up the AK7707.
VIL1
tRST
PDN
tRSP
Figure 5. Reset Timing


Similar Part No. - AK7707

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7707VQ AKM-AK7707VQ Datasheet
746Kb / 34P
   Multi Core DSP with SRC
More results

Similar Description - AK7707

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7707VQ AKM-AK7707VQ Datasheet
746Kb / 34P
   Multi Core DSP with SRC
AK5806 AKM-AK5806 Datasheet
1Mb / 18P
   Multi Core DSP with SRC
AK7738 AKM-AK7738 Datasheet
1Mb / 42P
   Multi DSP with 5ch ADC 4ch DAC 8ch SRC
AK7738VQ AKM-AK7738VQ Datasheet
1Mb / 42P
   Multi DSP with 5ch ADC 4ch DAC 8ch SRC
AK7736B AKM-AK7736B Datasheet
1Mb / 22P
   Audio/HF DSP with 2Ch SRC
AK7736BVQ AKM-AK7736BVQ Datasheet
1Mb / 22P
   Audio/HF DSP with 2Ch SRC
AK7734 AKM-AK7734 Datasheet
470Kb / 24P
   Audio DSP with 2-Channel ADC/SRC
AK7782 AKM-AK7782 Datasheet
390Kb / 28P
   Dual Audio DSP with 24bit 5ch ADC & SRC
AK7736AVQ AKM-AK7736AVQ Datasheet
784Kb / 21P
   2Ch SRC ?낁뵷 Audio/HF DSP
AK7780 AKM-AK7780 Datasheet
514Kb / 28P
   24bit 5ch ADC & SRC Audio DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com