Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE983 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE983
Description  Integrated Circuit Low Noise Dual Preamp
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE983 Datasheet(HTML) 1 Page - NTE Electronics

  NTE983 Datasheet HTML 1Page - NTE Electronics NTE983 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE983
Integrated Circuit
Low Noise Dual Preamp
Description:
The NTE983 is a linear monolithic integrated circuit in a 14–Lead DIP type package designed for use
with low–level signals in low–noise applications. This device offers outstanding value, performance,
and reliability in both consumer and industrial products such as stereo tape players, microphone
amplifiers, phonograph preamplifiers, and FM stereo receivers.
An integral voltage regulator eliminates the need for audio or RF decoupling. Internal feedback resistors
are provided for NAB equalization.
Features:
D Single Power Supply Operation
D Wide Supply Voltage Range
D Matched Open Loop Voltage Gain
D Turn–On Delay
Absolute Maximum Ratings:
Power Supply, VCC
+16V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PD
670mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above 25
°C
8.3mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–20
° to +85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C, +10.5V ≤ VCC +16V unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Voltage Gain
GV
f = 1kHz
40
46
dB
Total Harmonic Distortion
THD
f = 1kHz, Vout = 500mVrms
0.5
1.0
%
Noise Out
RS = 620Ω
1.5
mV
Gain Balance
2.0
dB
Channel Separation
Sep
40
k
Input Impedance
zi
40
k
Ripple Rejection
RR
f = 1kHz
35
dB
Input Bias Current
IB
3.0
µA
Turn–On Delay
td
1.0
sec
Supply Current
ICC
12
mA


Similar Part No. - NTE983

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE98 NTE-NTE98 Datasheet
28Kb / 3P
   Silicon NPN Transistor HV Darlington Power Amp, Switch
NTE980 NTE-NTE980 Datasheet
42Kb / 5P
   Integrated Circuit CMOS, Micropower Phase-Locked Loop (PLL)
NTE981 NTE-NTE981 Datasheet
24Kb / 3P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 100mA
NTE984 NTE-NTE984 Datasheet
23Kb / 3P
   Integrated Circuit TV Video IF System
NTE985 NTE-NTE985 Datasheet
87Kb / 3P
   Integrated Circuit TV Luminance Processor
More results

Similar Description - NTE983

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1523 NTE-NTE1523 Datasheet
18Kb / 2P
   Integrated Circuit Dual, Low Noise Preamp
NTE1087 NTE-NTE1087 Datasheet
18Kb / 2P
   Integrated Circuit Low Noise Preamp
NTE1052 NTE-NTE1052 Datasheet
76Kb / 1P
   Integrated Circuit Low Noise Preamp
NTE725 NTE-NTE725 Datasheet
24Kb / 3P
   Integrated Circuit Dual Low Noise Preamp/OP Amp
NTE1085 NTE-NTE1085 Datasheet
18Kb / 2P
   Integrated Circuit Low Noise Audio Preamp
NTE1577 NTE-NTE1577 Datasheet
27Kb / 4P
   Integrated Circuit Dual, Low Noise Preamp w/Auto Reverse
NTE1195 NTE-NTE1195 Datasheet
20Kb / 2P
   Integrated Circuit Low Noise, High Gain Preamp
NTE1730 NTE-NTE1730 Datasheet
18Kb / 2P
   Integrated Circuit Dual Preamp
NTE1458 NTE-NTE1458 Datasheet
17Kb / 2P
   Integrated Circuit Dual Audio Preamp
NTE1435 NTE-NTE1435 Datasheet
18Kb / 2P
   Integrated Circuit Dual Audio Preamp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com