Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NCD2400M Datasheet(PDF) 22 Page - IXYS Corporation

Part No. NCD2400M
Description  Wide Capacitance Range, Non-volatile Digital Programmable Capacitor
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IXYS [IXYS Corporation]
Homepage  http://www.ixys.com
Logo 

NCD2400M Datasheet(HTML) 22 Page - IXYS Corporation

 
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
INTEGRATED CIRCUITS DIVISION
NCD2400M
22
www.ixysic.com
R01
5.5 Mechanical Dimensions
5.5.1 Package Dimensions
5.5.2 Tape & Reel Specification
Dimensions
mm
(inches)
2.000±0.050
(0.079±0.002)
0.025±0.025
(0.001±0.001)
0.300±0.050
(0.012±0.002)
Pin 1
Recommended PCB Land Pattern
0.35
(0.014)
0.65
(0.026)
0.65
(0.026)
2.000±0.050
(0.079±0.002)
0.650 BSC
(0.026 BSC)
1.600±0.050
(0.063±0.002)
1.000±0.050
(0.039±0.002)
0.250±0.050
(0.010±0.002)
0.750±0.050
(0.030±0.002)
0.203 REF
(0.008 REF)
Note: Dimensions do not include mold or interlead flash,
protrusions or gate burrs.
Pin 1
ID
1.300 REF
(0.051 REF)
Chamfer
0.300 x 45º
2.10
(0.083)
Dimensions
mm
(inches)
NOTE:
Devices oriented in tape as shown.
Section A-A
Embossment
Embossed Carrier
Top Cover
Tape Thickness
0.102 MAX.
(0.004 MAX.)
177.8 DIA.
(7.00 DIA.)
2.30±0.05
(0.091±0.002)
1.00±0.05
(0.039±0.002)
1.75±0.10
(0.069±0.004)
8.00 +0.30 -0.10
(0.315 +0.012 -0.004)
2.00±0.05
(0.079±0.002)
4.00±0.10
(0.157±0.004)
4.00
(0.157)
1.00 +0.25
(
0.039 +0.010)
1.50 +0.1 -0
(
0.059 +0.004 -0)
AA
3.50±0.05
(0.138±0.002)
2.30±0.05
(0.091±0.002)
User direction of feed
Pin 1
Specifications: DS-NCD2400M-R01
© Copyright 2018, IXYS Integrated Circuits Division
All rights reserved. Printed in USA.
4/!3/2018
For additional information please visit www.ixysic.com
IXYS Integrated Circuits Division makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make
changes to specifications and product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in IXYS Integrated
Circuits Division’s Standard Terms and Conditions of Sale, IXYS Integrated Circuits Division assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its
products including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right.
The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other
applications intended to support or sustain life, or where malfunction of IXYS Integrated Circuits Division’s product may result in direct physical harm, injury, or death to a person or severe
property or environmental damage. IXYS Integrated Circuits Division reserves the right to discontinue or make changes to its products at any time without notice.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn