Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE981 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE981
Description  Integrated Circuit Positive 3 Terminal Voltage Regulator, 100mA
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE981 Datasheet(HTML) 2 Page - NTE Electronics

  NTE981 Datasheet HTML 1Page - NTE Electronics NTE981 Datasheet HTML 2Page - NTE Electronics NTE981 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics: (TJ = 0° to +125°C, VIN = 14V, IO = 40mA, CIN = 0.33µF, CO = 0.1µF,
Note 2 unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage
VO
TJ = +25°C
7.7
8.0
8.3
V
(Note 4)
1mA
≤ IO ≤ 70mA
7.6
8.4
V
1mA
≤ IO ≤ 70mA
7.6
8.4
V
VMIN ≤ VIN ≤ VMAX
(7
≤ VIN ≤ 20)
Line Regulation
∆VO
TJ = +25°C
12
85
mV
(11
≤ VIN ≤ 23)
V
20
100
mV
(10.5
≤ VIN ≤ 23)
V
Load Regulation
∆VO
TJ = +25°C, 1mA ≤ IO ≤ 40mA
8
40
mV
TJ = +25°C, 1mA ≤ IO ≤ 100mA
25
80
mV
Long Term Stability
∆VO
20
1000Hrs
mV
Quiescent Current
IQ
TJ = +25°C
3
5
mA
TJ = +125°C
4.7
mA
Quiescent Current Change
∆IQ
1mA
≤ IO ≤ 40mA
0.1
mA
VMIN ≤ VIN ≤ VMAX
1.0
mA
(11
≤ VIN ≤ 23)
V
Output Noise Voltage
Vn
TJ = +25°C, Note 3, f = 10Hz to 10kHz
60
µV
Ripple Rejection
∆VIN
f = 120Hz
43
57
dB
∆VOUT
IN
(12
≤ VIN ≤ 23)
V
Input Voltage Required to
Maintain Line Regulation
TJ = +25°C
10.5
V
Note 2. The maximum steady state usable output current and input voltage are very dependent on
the heat sinking and/or lead length of the package. The data above represent pulse test
conditions with junction temperatures as indicated at the initiation of test.
Note 3. Recommended minimum load capacitance of 0.01
µF to limit high frequency noise band-
width.
Note 4. The temperature coefficient of VOUT is typically within ±0.01% VO/°C.


Similar Part No. - NTE981

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE98 NTE-NTE98 Datasheet
28Kb / 3P
   Silicon NPN Transistor HV Darlington Power Amp, Switch
NTE980 NTE-NTE980 Datasheet
42Kb / 5P
   Integrated Circuit CMOS, Micropower Phase-Locked Loop (PLL)
NTE983 NTE-NTE983 Datasheet
19Kb / 2P
   Integrated Circuit Low Noise Dual Preamp
NTE984 NTE-NTE984 Datasheet
23Kb / 3P
   Integrated Circuit TV Video IF System
NTE985 NTE-NTE985 Datasheet
87Kb / 3P
   Integrated Circuit TV Luminance Processor
More results

Similar Description - NTE981

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE950 NTE-NTE950 Datasheet
27Kb / 3P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 100mA
NTE988 NTE-NTE988 Datasheet
24Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 100mA
NTE1908 NTE-NTE1908 Datasheet
23Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 24V, 100mA
NTE1902 NTE-NTE1902 Datasheet
22Kb / 2P
   Integrated Circuit 3 Terminal Positive Voltage Regulator 9V, 100mA
NTE1906 NTE-NTE1906 Datasheet
22Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 18V, 100mA
NTE1960 NTE-NTE1960 Datasheet
27Kb / 3P
   Integrated Circuit Positive, 3-Terminal Voltage Regulator
logo
Taiwan Semiconductor Co...
TS78L06CX TSC-TS78L06CX Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
logo
Exar Corporation
SP78LXX EXAR-SP78LXX Datasheet
506Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
logo
Sipex Corporation
SP78LXX SIPEX-SP78LXX Datasheet
481Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS78L00 TSC-TS78L00 Datasheet
524Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com